Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HA Datasheet(PDF) 29 Page - Intel Corporation

Part # 80960HA
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HA Datasheet(HTML) 29 Page - Intel Corporation

Back Button 80960HA Datasheet HTML 25Page - Intel Corporation 80960HA Datasheet HTML 26Page - Intel Corporation 80960HA Datasheet HTML 27Page - Intel Corporation 80960HA Datasheet HTML 28Page - Intel Corporation 80960HA Datasheet HTML 29Page - Intel Corporation 80960HA Datasheet HTML 30Page - Intel Corporation 80960HA Datasheet HTML 31Page - Intel Corporation 80960HA Datasheet HTML 32Page - Intel Corporation 80960HA Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
23
3.3
Package Thermal Specifications
The 80960Hx is specified for operation when TC (case temperature) is within the range of
0°C–85°C. TC may be measured in any environment to determine whether the 80960Hx is within
the specified operating range. Measure the case temperature at the center of the top surface,
opposite the pins. Refer to Figure 5.
TA (ambient temperature) is calculated from θCA (thermal resistance from case to ambient) using
the equation:
TA =TC –P*θCA
Table 12 shows the maximum TA allowable (without exceeding TC) at various airflows and
operating frequencies (fCLKIN).
Note that TA is greatly improved by attaching fins or a heatsink to the package. P (maximum power
consumption) is calculated by using the typical ICC as tabulated in Section 4.6, “DC
Specifications” on page 32 and VCC of 3.3 V.
Figure 5. Measuring 80960Hx PGA Case Temperature
Measure PGA/PQ4 temperature at
center of top surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com