Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8316AS Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # TA8316AS
Description  IGBT GATE DRIVER TA8316AS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TA8316AS Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  TA8316AS Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TA8316AS
PIN FUNCTIONS
PIN
NO
.
PIN
NAME
FUNCTION
PIN
NO.
PIN
NAME
FUNCTION
1
GATEIN
Gate signal input pin
5
SI
IGBT gate drive pin1 (sink
side)
2
Vcc
Sy stem power supply
6
SO
IGBT gate drive pin2 (source
side)
3
NC
Not connected
7
DI
IGBT gate protector diode pin
4
G N D
G N D
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
C h a r a c t e r i s t i c
S y mb o l
Va l u e
U n i t
Collector Supply Vo ltage
Vcc
25
V
Input Vo ltage
V IN
G N D - 0 . 3 ~ V c c + 0 . 3
V
Power Dissipation*
P D
9 2 5
mW
Operating Te mp erature
Ta mb
-20~85
°C
St orage Te mp erature
Ts tg
-55~150
°C
*When Ta > 25
°C, PD decreases 7.4mW per degree.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com