Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8316AS Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TA8316AS
Description  IGBT GATE DRIVER TA8316AS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TA8316AS Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TA8316AS Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IGBT GATE DRIVER TA8316AS
DESCRIPTION
Outline Drawing
TA 8316 AS is a dedi cate d IC inte g r ating
IGBT gate drive circuit on a single chip.
A high current directly drives IGBT .
FEATURE
Can directly control from a
mi crocontroller.
Can directly drive the IGBT gate using a high current.
Source current:-200mA (max.), sink current 1A (max.)
Incorporates a diode to protect the IGBT gate at power on.
BLOCK DIAGRAM
PIN CONNECTION
TIGER ELECTRONIC CO.,LTD
TA8316AS
TA8316AS


Similar Part No. - TA8316AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
IGBT GATE DRIVER
More results

Similar Description - TA8316AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
IGBT GATE DRIVER
logo
List of Unclassifed Man...
OM9401SF ETC1-OM9401SF Datasheet
35Kb / 3P
HERMETIC IGBT GATE DRIVER
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
IGBT GATE DRIVER
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
Single IGBT Gate Driver
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_06 Datasheet
131Kb / 13P
Single IGBT Gate Driver
July, 2006 ??Rev. 5
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
Single IGBT Gate Driver
logo
Isahaya Electronics Cor...
RT8H255C ISAHAYA-RT8H255C Datasheet
211Kb / 5P
IGBT Gate Driver
logo
Unisonic Technologies
UA8316 UTC-UA8316 Datasheet
171Kb / 6P
IGBT GATE DRIVER
UA8316 UTC-UA8316_15 Datasheet
171Kb / 6P
IGBT GATE DRIVER
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
IGBT Gate Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com