Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8316AS Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # TA8316AS
Description  IGBT GATE DRIVER TA8316AS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TA8316AS Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  TA8316AS Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TA8316AS
AC CH ARACTERISTICS ( Unless otherwise specified, Vcc=20V, Tamb=25℃)
Characteristic
Te st condition
Sy mb o l Min
Ty p
M a x
U n i t
Propagation Delay Ti me 1
See test circuit
diagram
t pL L
2
µs
Propagation Delay Ti me 2
See test circuit
diagram
t pH H
2
µs
Output Fall Ti me
See test circuit
tf
0.5
µs
AC CHARACTERISTICS TEST CONDITIONS
1 . Propagation Delay Ti me 1 ( t pL L )
Ti me fro m input of “ L ” level t o GATEIN pin until
output reaches 1V 。
2 . Propagation Delay Ti me 2 ( t pH H )
Ti me fro m input of “ H ” level t o GATEIN p i n until
output starts to rise 。
3 . Output Fall Ti me
Output fall time from 90% to 10%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com