Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8316AS Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # TA8316AS
Description  IGBT GATE DRIVER TA8316AS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TA8316AS Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  TA8316AS Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TA8316AS Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TA8316AS
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: Ta =25
°C, Vcc=20V)
Characteristic
Te st c o n d i t i o n
Sy mb o l
M i n
Ty p
Max
Unit
Supply Vo ltage Block
Operating Supply Vo l t age
Range
V c c
7
2 4
V
Current consumption 1
GATHIN= “ H ”
I c c 1
0 . 7
1 . 2 5
1 . 9
mA
Current consumption 2
GATHIN= “ L ”
I c c 2
4 . 2
6 . 2 5
8 . 8
mA
GATEIN Pin
Input Dy nami c Range
V IN
GATHI N
0
Vcc-2.2
V
Threshold Vo ltage 1
GATE Signal L
→H
V TH
GATH1
2 . 6 3
3
V
Threshold Vo ltage 1
GATE Signal H
→L
V TH
GATH2
1 . 5
2 . 2 7
V
Input Current
V IN =5V
I TH
GATH
1 2 5
1 6 7
2 4 9
µA
Input
Frequency
(Reference)
When load C=5600pF ,
R=10k
Ω connected
f TH
GATH
5 0
kHz
SI Pin
“ L ” level output Vo ltage 1
V GATHI N =0V , I OL =30mA
V OL S I 1
0 . 7
V
“ L ” level output Vo ltage 2
V GATHI N =0V , I OL =1A
V OL S I 2
2
V
“ L ” level output Vo ltage 3
Vcc=7V , V GATHI N =0V ,
I OL =30mA
V OL S I 3
1
V
“ L ” level output Vo lta ge 4
(Output
Vo lta ge
at
Low
Supply Vo ltage)
2V
≤ Vcc < 7V,
V GATHI N =0V , No Load
V OL S I 4
1
V
“ L ” level output Vo lta ge 5
(Output
Vo lta ge
at
Low
Supply Vo ltage)
2V
≤ Vcc < 7V,
V GATHI N =0V , I OL =30mA
V OL S I 5
2
V
Off Leakage Current
V GATHI N =6V , V IN =20V
I OF F SI
- 1
1
µA
SO Pin
“ H ” level output Vo ltage 1
V GATHI N =6V ,I OH =-30m A
V OH SO 1
Vcc-2
V
“ H ” level output Vo ltage 2
V GATHI N =6V ,I OH = - 2 00mA V OH SO 2 V c c - 5
V
Off Leakage Current
V GATHI N =0V , V IN =0V
I OF F SO
- 1
1
µA
DI Pin
Input Clamp Vo ltage 1
I IN =500mA
V F DI 1
V cc+1.5
V
Input Clamp Vo ltage 2
Vcc=0V , I IN =300mA
V F DI 2
Vcc+1
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com