Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C186EB Datasheet(PDF) 11 Page - Intel Corporation

Part # 80C186EB
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB Datasheet(HTML) 11 Page - Intel Corporation

Back Button 80C186EB Datasheet HTML 7Page - Intel Corporation 80C186EB Datasheet HTML 8Page - Intel Corporation 80C186EB Datasheet HTML 9Page - Intel Corporation 80C186EB Datasheet HTML 10Page - Intel Corporation 80C186EB Datasheet HTML 11Page - Intel Corporation 80C186EB Datasheet HTML 12Page - Intel Corporation 80C186EB Datasheet HTML 13Page - Intel Corporation 80C186EB Datasheet HTML 14Page - Intel Corporation 80C186EB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
Table 3 Pin Descriptions
(Continued)
Pin
Pin
Input
Output
Description
Name
Type
Type
States
A1816
IO
A(L)
H(Z)
These pins provide multiplexed Address during the address
phase of the bus cycle Address bits 16 through 19 are presented
A19ONCE
R(WH)
on these pins and can be latched using ALE These pins are
(A15A8)
P(X)
driven to a logic 0 during the data phase of the bus cycle On the
(A1816)
80C188EB A15 – A8 provide valid address information for the
(A19ONCE)
entire bus cycle During a processor reset (RESIN active) A19
ONCE is used to enable ONCE mode A1816 must not be driven
low during reset or improper operation may result
S20
O
H(Z)
Bus cycle Status are encoded on these pins to provide bus
transaction information S20 are encoded as follows
R(Z)
P(1)
S2
S1
S0
Bus Cycle Initiated
0
0
0
Interrupt Acknowledge
0
0
1
Read IO
0
1
0
Write IO
0
1
1
Processor HALT
1
0
0
Queue Instruction Fetch
1
0
1
Read Memory
1
1
0
Write Memory
1
1
1
Passive (no bus activity)
ALE
O
H(0)
Address Latch Enable
output is used to strobe address
information into a transparent type latch during the address phase
R(0)
of the bus cycle
P(0)
BHE
O
H(Z)
Byte High Enable
output to indicate that the bus cycle in progress
is transferring data over the upper half of the data bus BHE and
(RFSH)
R(Z)
A0 have the following logical encoding
P(X)
A0
BHE
Encoding
(for the 80C186EB80L186EB only)
0
0
Word Transfer
0
1
Even Byte Transfer
1
0
Odd Byte Transfer
1
1
Refresh Operation
On the 80C188EB80L188EB RFSH is asserted low to indicate a
refresh bus cycle
RD
O
H(Z)
ReaD
output signals that the accessed memory or IO device
must drive data information onto the data bus
R(Z)
P(1)
WR
O
H(Z)
WRite
output signals that data available on the data bus are to be
written into the accessed memory or IO device
R(Z)
P(1)
READY
I
A(L)
READY
input to signal the completion of a bus cycle READY
must be active to terminate any bus cycle unless it is ignored by
S(L)
correctly programming the Chip-Select Unit
DEN
O
H(Z)
Data ENable
output to control the enable of bi-directional
transceivers in a buffered system DEN is active only when data is
R(Z)
to be transferred on the bus
P(1)
NOTE
Pin names in parentheses apply to the 80C188EB80L188EB
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com