Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C186EB Datasheet(PDF) 25 Page - Intel Corporation

Part # 80C186EB
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB Datasheet(HTML) 25 Page - Intel Corporation

Back Button 80C186EB Datasheet HTML 21Page - Intel Corporation 80C186EB Datasheet HTML 22Page - Intel Corporation 80C186EB Datasheet HTML 23Page - Intel Corporation 80C186EB Datasheet HTML 24Page - Intel Corporation 80C186EB Datasheet HTML 25Page - Intel Corporation 80C186EB Datasheet HTML 26Page - Intel Corporation 80C186EB Datasheet HTML 27Page - Intel Corporation 80C186EB Datasheet HTML 28Page - Intel Corporation 80C186EB Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
DC SPECIFICATIONS (80L186EB16) (operating temperature 0 Cto70 C)
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
30
55
V
VIL
Input Low Voltage
b
05
03 VCC
V
VIH
Input High Voltage
07 VCC
VCC a 05
V
VOL
Output Low Voltage
045
V
IOL e 16 mA (Min) (Note 1)
VOH
Output High Voltage
VCC b 05
V
IOH eb1 mA (Min) (Note 1)
VHYR
Input Hysterisis on RESIN
050
V
ILI1
Input Leakage Current for pins
g
15
m
A0V s VIN s VCC
AD150 (AD70) READY HOLD
RESIN CLKIN TEST NMI
INT40 T0IN T1IN RXD0
BCLK0 CTS0 RXD1 BCLK1
CTS1 SINT1 P26 P27
ILI2
Input Leakage Current for Pins
b
0275
b
2mA
VIN e 07 VCC (Note 2)
A19ONCE A1816 LOCK
ILO
Output Leakage Current
g
15
m
A
045 s VOUT s VCC (Note 3)
ICC3
Supply Current (RESET 33V)
80L186EB16
54
mA
(Note 4)
IID3
Supply Current Idle (33V)
80L186EB16
38
mA
(Note 5)
IPD3
Supply Current Powerdown (33V)
80L186EB16
40
m
A
(Note 6)
CIN
Input Pin Capacitance
0
15
pF
TF e 1 MHz
COUT
Output Pin Capacitance
0
15
pF
TF e 1 MHz (Note 7)
NOTES
1 IOL and IOH measured at VCC e 30V
2 These pins have an internal pull-up device that is active while RESIN is low and ONCE Mode is not active Sourcing more
current than specified (on any of these pins) may invoke a factory test mode
3 Tested by outputs being floated by invoking ONCE Mode or by asserting HOLD
4 Measured with the device in RESET and at worst case frequency VCC and temperature with ALL outputs loaded as
specified in AC Test Conditions and all floating outputs driven to VCC or GND
5 Measured with the device in HALT (IDLE Mode active) and at worst case frequency VCC and temperature with ALL
outputs loaded as specified in AC Test Conditions and all floating outputs driven to VCC or GND
6 Measured with the device in HALT (Powerdown Mode active) and at worst case frequency VCC and temperature with
ALL
outputs loaded as specified in AC Test Conditions and all floating outputs driven to VCC or GND
7 Output Capacitance is the capacitive load of a floating output pin
25
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com