Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C186EB Datasheet(PDF) 23 Page - Intel Corporation

Part # 80C186EB
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB Datasheet(HTML) 23 Page - Intel Corporation

Back Button 80C186EB Datasheet HTML 19Page - Intel Corporation 80C186EB Datasheet HTML 20Page - Intel Corporation 80C186EB Datasheet HTML 21Page - Intel Corporation 80C186EB Datasheet HTML 22Page - Intel Corporation 80C186EB Datasheet HTML 23Page - Intel Corporation 80C186EB Datasheet HTML 24Page - Intel Corporation 80C186EB Datasheet HTML 25Page - Intel Corporation 80C186EB Datasheet HTML 26Page - Intel Corporation 80C186EB Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Storage Temperature
b
65 Cto a150 C
Case Temp under Bias
b
65 Cto a120 C
Supply Voltage
with Respect to VSS
b
05V to a 65V
Voltage on other Pins
with Respect to VSS
b
05V to VCC a 05V
NOTICE This data sheet contains preliminary infor-
mation on new products in production It is valid for
the devices indicated in the revision history The
specifications are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
Recommended Connections
Power and ground connections must be made to
multiple VCC and VSS pins Every 80C186EB-based
circuit board should include separate power (VCC)
and ground (VSS) planes Every VCC pin must be
connected to the power plane and every VSS pin
must be connected to the ground plane Pins identi-
fied as ‘‘NC’’ must not be connected in the system
Liberal decoupling capacitance should be placed
near the processor The processor can cause tran-
sient power surges when its output buffers tran-
sition particularly when connected to large capaci-
tive loads
Low inductance capacitors and interconnects are
recommended for best high frequency electrical per-
formance Inductance is reduced by placing the de-
coupling capacitors as close as possible to the proc-
essor VCC and VSS package pins
Always connect any unused input to an appropriate
signal level In particular unused interrupt inputs
(INT04) should be connected to VCC through a pull-
up resistor (in the range of 50 KX) Leave any un-
used output pin or any NC pin unconnected
23
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com