Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5259
Description  Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5259 Datasheet HTML 4Page - Analog Devices AD5259 Datasheet HTML 5Page - Analog Devices AD5259 Datasheet HTML 6Page - Analog Devices AD5259 Datasheet HTML 7Page - Analog Devices AD5259 Datasheet HTML 8Page - Analog Devices AD5259 Datasheet HTML 9Page - Analog Devices AD5259 Datasheet HTML 10Page - Analog Devices AD5259 Datasheet HTML 11Page - Analog Devices AD5259 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5259
Data Sheet
Rev. C | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = VLOGIC= 5.5 V, RAB = 10 kΩ, TA = +25°C; unless otherwise noted.
1.5
1.3
1.1
0.9
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
0
256
224
192
160
128
96
64
32
CODE (Decimal)
2.7V
5.5V
Figure 6. R-INL vs. Code vs. Supply Voltage
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
256
224
192
160
128
96
64
32
CODE (Decimal)
2.7V
5.5V
Figure 7. R-DNL vs. Code vs. Supply Voltage
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
0
256
224
192
160
128
96
64
32
CODE (Decimal)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 8. INL vs. Code vs. Temperature
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
0
256
224
192
160
128
96
64
32
CODE (Decimal)
–40
°C
+25
°C
+85
°C
Figure 9. DNL vs. Code vs. Temperature
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
0
256
224
192
160
128
96
64
32
CODE (Decimal)
5.5V
2.7V
Figure 10. INL vs. Supply Voltages
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
0
256
224
192
160
128
96
64
32
CODE (Decimal)
5.5V
2.7V
Figure 11. DNL vs. Code vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com