Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5259
Description  Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259 Datasheet(HTML) 3 Page - Analog Devices

  AD5259 Datasheet HTML 1Page - Analog Devices AD5259 Datasheet HTML 2Page - Analog Devices AD5259 Datasheet HTML 3Page - Analog Devices AD5259 Datasheet HTML 4Page - Analog Devices AD5259 Datasheet HTML 5Page - Analog Devices AD5259 Datasheet HTML 6Page - Analog Devices AD5259 Datasheet HTML 7Page - Analog Devices AD5259 Datasheet HTML 8Page - Analog Devices AD5259 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD5259
Rev. C | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = VLOGIC = 5 V ± 10% or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS:
RHEOSTAT MODE
Resistor Differential Nonlinearity
R-DNL
R
WB, VA = no connect
LSB
5 kΩ
–1
±0.2
+1
10 kΩ
−1
±0.1
+1
50 kΩ/100 kΩ
−0.5
±0.1
+0.5
Resistor Integral Nonlinearity
R-INL
R
WB, VA = no connect
LSB
5 kΩ
–4
±0.3
+4
10 kΩ
−2
±0.2
+2
50 kΩ/100 kΩ
−1
±0.4
+1
Nominal Resistor Tolerance
ΔR
AB
T
A = 25°C, VDD = 5.5 V
–30
+30
%
Resistance Temperature Coefficient
(ΔR
AB x 10
6)/
(R
AB x ΔT)
Code = 0x00/0x80
500/15
ppm/°C
Total Wiper Resistance
R
WB
Code = 0x00
75
350
Ω
DC CHARACTERISTICS:
POTENTIOMETER DIVIDER MODE
Differential Nonlinearity
DNL
LSB
5 kΩ
–1
±0.2
+1
10 kΩ
−0.5
±0.1
+0.5
50 kΩ/100 kΩ
−0.5
±0.2
+0.5
Integral Nonlinearity
INL
LSB
5 kΩ
–1
±0.2
+1
10 kΩ
−0.5
±0.1
+0.5
50 kΩ/100 kΩ
−0.5
±0.1
+0.5
Full-Scale Error
V
WFSE
Code = 0xFF
LSB
5 kΩ
−7
−3
0
10 kΩ
−4
−1.5
0
50 kΩ/100 kΩ
−1
−0.4
0
Zero-Scale Error
V
WZSE
Code = 0x00
5 kΩ
−40°C < T
A < +85°C
0
2.5
4
LSB
+85°C < T
A < +125°C
6
LSB
10 kΩ
−40°C < T
A < +85°C
0
1
3
LSB
+85°C < T
A < +125°C
4
LSB
50 kΩ/100 kΩ
0
0.2
0.5
LSB
Voltage Divider Temperature
Coefficient
(∆V
W x 10
6)/
(V
W x ∆T)
Code = 0x00/0x80
60/5
ppm/°C
RESISTOR TERMINALS
Voltage Range
V
A, B, W
GND
V
DD
V
Capacitance A, B
C
A, B
f = 1 MHz, measured to GND,
code = 0x80
45
pF
Capacitance W
C
W
f = 1 MHz, measured to GND,
code = 0x80
60
pF
Common-Mode Leakage
I
CM
V
A = VB = VDD/2
10
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com