Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5259
Description  Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5259 Datasheet HTML 12Page - Analog Devices AD5259 Datasheet HTML 13Page - Analog Devices AD5259 Datasheet HTML 14Page - Analog Devices AD5259 Datasheet HTML 15Page - Analog Devices AD5259 Datasheet HTML 16Page - Analog Devices AD5259 Datasheet HTML 17Page - Analog Devices AD5259 Datasheet HTML 18Page - Analog Devices AD5259 Datasheet HTML 19Page - Analog Devices AD5259 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5259
Data Sheet
Rev. C | Page 16 of 24
I2C-COMPATIBLE FORMAT
The following generic, write, read, and store/restore control
registers for the AD5259 all refer to the device addresses listed
in Table 5; the mode/condition reference key (S, P, SA, MA,
NA, W, R, and X) is listed below.
S = Start Condition
P = Stop Condition
SA = Slave Acknowledge
MA = Master Acknowledge
NA = No Acknowledge
W = Write
R = Read
X = Don’t Care
AD1 and AD0 are two-state address pins.
Table 5. Device Address Lookup
AD1 Address Pin
AD0 Address Pin
I2C Device Address
0
0
0011000
1
0
0011010
0
1
1001100
1
1
1001110
GENERIC INTERFACE
Table 6. Generic Interface Format
S
7-Bit Device Address
(See Table 5)
R/W
SA C2 C1 C0 A4 A3 A2 A1 A0 SA D7 D6 D5 D4 D3 D2 D1 D0 SA P
Slave Address Byte
Instruction Byte
Data Byte
Table 7. RDAC-to-EEPROM Interface Command Descriptions
C2
C1
C0
Command Description
0
0
0
Operation Between Interface and RDAC.
0
0
1
Operation Between Interface and EEPROM.
0
1
0
Operation Between Interface and Write Protection Register. See Table 10.
1
0
0
NOP.
1
0
1
Restore EEPROM to RDAC.1
1
1
0
Store RDAC to EEPROM.
1 This command leaves the device in the EEMEM read power state, which consumes power. Issue the NOP command to return the device to its idle state.
WRITE MODES
Table 8. Writing to RDAC Register
S
7-Bit Device Address
(See Table 5)
0
SA 0
0
0
0
0
0
0
0
SA D7 D6 D5 D4 D3 D2 D1 D0 SA P
Slave Address Byte
Instruction Byte
Data Byte
Table 9. Writing to EEPROM Register
S
7-Bit Device Address
(See Table 5)
0
SA 0
0
1
0
0
0
0
0
SA D7 D6 D5 D4 D3 D2 D1 D0 SA P
Slave Address Byte
Instruction Byte
Data Byte
Table 10. Activating/Deactivating Software Write Protect
S
7-Bit Device Address
(See Table 5)
0
SA 0
1
0
0
0
0
0
0
SA 0
0
0
0
0
0
0
WP SA P
Slave Address Byte
Instruction Byte
Data Byte
In order to activate the write protection mode, the WP bit in Table 10 must be logic high. To deactivate the write protection, the
command must be sent again, except with the WP in logic zero state. WP is reset to the deactivated mode if power is cycled off and on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com