Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5259 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5259
Description  Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5259 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5259 Datasheet HTML 15Page - Analog Devices AD5259 Datasheet HTML 16Page - Analog Devices AD5259 Datasheet HTML 17Page - Analog Devices AD5259 Datasheet HTML 18Page - Analog Devices AD5259 Datasheet HTML 19Page - Analog Devices AD5259 Datasheet HTML 20Page - Analog Devices AD5259 Datasheet HTML 21Page - Analog Devices AD5259 Datasheet HTML 22Page - Analog Devices AD5259 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD5259
Rev. C | Page 19 of 24
ESD PROTECTION OF DIGITAL PINS AND
RESISTOR TERMINALS
The AD5259 VDD, VLOGIC, and GND power supplies define the
boundary conditions for proper 3-terminal and digital input
operation. Supply signals present on Terminal A, Terminal B,
and Terminal W that exceed VDD or GND are clamped by the
internal forward biased ESD protection diodes (see Figure 42).
Digital Input SCL and Digital Input SDA are clamped by ESD
protection diodes with respect to VLOGIC and GND as shown in
Figure 43.
GND
A
W
B
VDD
Figure 42. Maximum Terminal Voltages Set by VDD and GND
GND
SCL
SDA
VLOGIC
Figure 43. Maximum Terminal Voltages Set by VLOGIC and GND
POWER-UP SEQUENCE
Because the ESD protection diodes limit the voltage compliance
at Terminal A, Terminal B, and Terminal W (see Figure 42), it
is important to power GND/VDD/VLOGIC before applying any
voltage to Terminal A, Terminal B, and Terminal W; otherwise,
the diode is forward biased, so the VDD and VLOGIC are powered
unintentionally and may affect the user’s circuit. The ideal power-
up sequence is in the following order: GND, VDD, VLOGIC, digital
inputs, and then VA, VB, VW. The relative order of powering
VA, VB, VW, and the digital inputs is not important as long as
they are powered after GND/VDD/VLOGIC.
LAYOUT AND POWER SUPPLY BYPASSING
It is good practice to use compact, minimum lead length layout
design. The leads to the inputs should be as direct as possible
with minimum conductor length. Ground paths should have
low resistance and low inductance.
Similarly, it is also good practice to bypass the power supplies
with quality capacitors for optimum stability. Supply leads to
the device should be bypassed with disc or chip ceramic capaci-
tors of 0.01 µF to 0.1 µF. Low ESR 1 µF to 10 µF tantalum or
electrolytic capacitors should also be applied at the supplies to
minimize any transient disturbance and low frequency ripple
(see Figure 44). The digital ground should also be joined
remotely to the analog ground at one point to minimize the
ground bounce.
VDD
GND
VDD
C2
10
µF
C1
0.1
µF
AD5259
+
Figure 44. Power Supply Bypassing
MULTIPLE DEVICES ON ONE BUS
The AD5259 has two configurable address pins, Pin AD0 and
Pin AD1. The state of these two pins is registered upon power-
up and decoded into a corresponding I2C-compatible 7-bit
address (see Table 5). This allows up to four devices on the bus
to be written to or read from independently.
EVALUATION BOARD
An evaluation board, with all necessary software, is available
to program the AD5259 from any PC running Windows® 98/
2000/ XP. The graphical user interface, as shown in Figure 45,
is straightforward and easy to use. More detailed information
is available in the board’s user manual.
Figure 45. AD5259 Evaluation Board Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com