Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82527 Datasheet(PDF) 13 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82527 Datasheet HTML 9Page - Intel Corporation 82527 Datasheet HTML 10Page - Intel Corporation 82527 Datasheet HTML 11Page - Intel Corporation 82527 Datasheet HTML 12Page - Intel Corporation 82527 Datasheet HTML 13Page - Intel Corporation 82527 Datasheet HTML 14Page - Intel Corporation 82527 Datasheet HTML 15Page - Intel Corporation 82527 Datasheet HTML 16Page - Intel Corporation 82527 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
82527
AC Characteristics for 8-Bit Non-Multiplexed Asynchronous (Mode 3)
Conditions VCC e 5V g10% VSS e 0V TA eb40 Cto a125 C CL e 100 pF
Symbol
Parameter
Min
Max
1tXTAL Oscillator Frequency
8 MHz
16 MHz
1tSCLK System Clock Frequency
4 MHz
10 MHz
1tMCLK Memory Clock Frequency
2 MHz
8 MHz
tAVCL
Address or RW
Valid to CS
Low
3 ns
Setup
tCLDV
CS
Low to Data Valid
0 ns
55 ns
for High Speed Registers (02H 04H 05H)
For Low Speed Registers
0 ns
15 tMCLK a 100 ns
(Read Cycle without Previous Write)(1)
For Low Speed Registers
0 ns
35 tMCLK a 100 ns
(Read Cycle with Previous Write)(1)
tKLDV
DSACK0
Low to Output Data Valid
23 ns
for High Speed Read Register
For Low Speed Read Register
k
0ns
tCHDV
82527 Input Data Hold after CS
High
15 ns
tCHDH
82527 Output Data Hold after CS
High
0 ns
tCHDZ
CS
High to Output Data Float
35 ns
tCHKH1
CS
High to DSACK0
e
24V(3)
0ns
55ns
tCHKH2
CS
High to DSACK0
e
28V
150 ns
tCHKZ
CS
High to DSACK0
Float
0 ns
100 ns
tCHCL
CS
Width between Successive Cycles
25 ns
tCHAI
CS
High to Address Invalid
7 ns
tCHRI
CS
High to RW
Invalid
5 ns
tCLCH
CS
Width Low
65 ns
tDVCH
CPU Write Data Valid to CS
High
20 ns
tCLKL
CS
Low to DSACK0
Low
0ns
67ns
for High Speed Registers and Low Speed
Registers Write Access without Previous
Write(2)
tCHKL
End of Previous Write (CS
High) to
0 ns
2 tMCLK a 145 ns
DSACK0
Low for a Write Cycle with a
Previous Write(2)
tCOPD
CLKOUT Period
(CDV a 1) tOSC(4)
tCHCL
CLKOUT High Period
(CDV a 1)
tOSC b 10 (CDV a 1)
tOSC a 15
NOTES
E and AS must be tied high in this mode
1 Definition of ‘‘Read Cycle without a Previous Write’’ The time between the rising edge of CS
(for the previous write
cycle) and the falling edge of CS
(for the current read cycle) is greater than 2 tMCLK
2 Definition of ‘‘Write Cycle without a Previous Write’’ The time between the rising edge of CS
(for the previous write
cycle) and the rising edge of CS
(for the current write cycle) is greater than 2 tMCLK
3 An on-chip pullup will drive DSACK0
to approximately 24V An external pullup is required to drive this signal to a higher
voltage
4 Definition of CDV is the value loaded in the CLKOUT register representing the CLKOUT divisor
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com