Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82527 Datasheet(PDF) 4 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 4 Page - Intel Corporation

  82527 Datasheet HTML 1Page - Intel Corporation 82527 Datasheet HTML 2Page - Intel Corporation 82527 Datasheet HTML 3Page - Intel Corporation 82527 Datasheet HTML 4Page - Intel Corporation 82527 Datasheet HTML 5Page - Intel Corporation 82527 Datasheet HTML 6Page - Intel Corporation 82527 Datasheet HTML 7Page - Intel Corporation 82527 Datasheet HTML 8Page - Intel Corporation 82527 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
82527
PIN DESCRIPTION
The 82527 pins are described in this section Table 1 presents the legend for interpreting the pin types
Table 1 Pin Type Legend
Symbol
Description
I
Input only pin
O
Output only pin
IO
Pin can be either input or output
PIN DESCRIPTIONS
Pin Name
Pin Type
Pin Description
VSS1
Ground
GROUND connection must be connected externally to a VSS board plane
Provides digital ground
VSS2
Ground
GROUND connection must be connected externally to a VSS board plane
Provides ground for analog comparator
VCC
Power
POWER connection must be connected externally to a5V DC Provides power
for entire device
XTAL1
I
Input for an external clock XTAL1 (along with XTAL2) are the crystal
connections to an internal oscillator
XTAL2
O
Push-pull output from the internal oscillator XTAL2 (along with XTAL1) are the
crystal connections to an internal oscillator If an external oscillator is used
XTAL2 must be floated or not be connected XTAL2 must not be used as a
clock output to drive other CPUs
CLKOUT
O
Programmable clock output This output may be used to drive the oscillator of
the host microcontroller
RESET
I
Warm Reset (VCC remains valid while RESET
is asserted) RESET
must be
driven to a valid low level for 1 ms minimum
Cold Reset (VCC is driven to a valid level while RESET
is asserted) RESET
must be driven low for 1 ms minimum measured from a valid VCC level No
falling edge on the reset pin is required during a cold reset event
CS
I
A low level on this pin enables CPU access to the 82527 device
INT
O
The interrupt pin is an open-drain output to the host microcontroller VCC 2 is
the power supply for the ISO low speed physical layer The function of this pin is
(VCC 2)
O
determined by the MUX bit in the CPU Interface Register (Address 02H) as
follows
MUX e 1 pin 24 (PLCC) e VCC 2 pin 11 e INT
MUX e 0 pin 24 (PLCC) e INT
RX0
I
Inputs from the CAN bus line(s) to the input comparator A recessive level is
read when RX0 l RX1 A dominant level is read when RX1 l RX0 When the
RX1
I
CoBy bit (Bus Configuration register) is programmed as a ‘‘1’’ the input
comparator is bypassed and RX0 is the CAN bus line input
TX0
O
Serial data push-pull output to the CAN bus line During a recessive bit TX0 is
high and TX1 is low During a dominant bit TX0 is low and TX1 is high
TX1
O
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com