Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82527 Datasheet(PDF) 17 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 82527 Datasheet HTML 13Page - Intel Corporation 82527 Datasheet HTML 14Page - Intel Corporation 82527 Datasheet HTML 15Page - Intel Corporation 82527 Datasheet HTML 16Page - Intel Corporation 82527 Datasheet HTML 17Page - Intel Corporation 82527 Datasheet HTML 18Page - Intel Corporation 82527 Datasheet HTML 19Page - Intel Corporation 82527 Datasheet HTML 20Page - Intel Corporation 82527 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
82527
AC Characteristics for Serial Interface Mode
Conditions VCC e 5V g10% VSS e 0V TA eb40 Cto a125 C CL e 100 pF
Symbol
Parameter
Min
Max
SCLK
SPI Clock
05 MHz
8 MHz
tCYC
1SCLK
125 ns
2000 ns
tSKHI
Minimum Clock High Time
84 ns
tSKLO
Minimum Clock Low Time
84 ns
tLEAD
ENABLE Lead Time
70 ns
tLAG
Enable Lag Time
109 ns
tACC
Access Time
60 ns
tPDO
Maximum Data Out Delay Time
59 ns
tHO
Minimum Data Out Hold Time
0 ns
tDIS
Maximum Data Out Disable Time
665 ns
tSETUP
Minimum Data Setup Time
35 ns
tHOLD
Minimum Data Hold Time
84 ns
tRISE
Maximum Time for Input to go
100 ns
from VOL to VOH
tFALL
Maximum Time for Input to go
100 ns
from VOH to VOL
tCS
Minimum Time between
670 ns
Consecutive CS
Assertions
tCOPD
CLKOUT Period
(CDV a 1) tOSC(1)
tCHCL
CLKOUT High Period
(CDV a 1)
tOSC b 10
(CDV a 1)
tOSC a 15
NOTE
1 Definition of CDV is the value loaded in the CLKOUT register representing the CLKOUT divisor
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com