Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82527 Datasheet(PDF) 20 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 82527 Datasheet HTML 14Page - Intel Corporation 82527 Datasheet HTML 15Page - Intel Corporation 82527 Datasheet HTML 16Page - Intel Corporation 82527 Datasheet HTML 17Page - Intel Corporation 82527 Datasheet HTML 18Page - Intel Corporation 82527 Datasheet HTML 19Page - Intel Corporation 82527 Datasheet HTML 20Page - Intel Corporation 82527 Datasheet HTML 21Page - Intel Corporation 82527 Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
82527
15 Page 7 tCLLL decreased from 20 ns to 10 ns
16 Page 3 RESET
description addition
Warm reset (VCC remains valid while RESET
is asserted) RESET
must be driven to a valid
low level for 1 ms minimum
Cold reset (VCC is driven to a valid level while
RESET
is asserted RESET
must be driven
low for 1 ms minimum measured from a valid
VCC level No falling edge on the reset pin is
required during a cold reset event
17 Page 2 Figure 2 Pin 7 name changed to
(WR
WRL )(RW ) from WR
(RW )
18 Page 4
pin description name changed to
(WR
WRL )(RW ) from WR
(RW )
and WR
in 8-bit Intel mode and WRL
in
16-bit Intel mode replaces the description WR
used for Intel modes
19 Page 5 ABSOLUTE MAXIMUM RATINGS addi-
tion Laboratory testing shows the 82527 will
withstand up to 10 mA for injected current into
both RX0 and RX1 pins for a total of 20 days
without sustaining permanent damage
This
high current condition may be the result of
shorted signal lines The 82527 will not function
properly if the RX0RX1 input voltage exceeds
VCC a 05V
20 Page 12 tCHDV decreased from 25 ns to 15 ns
21 Page 14 tELDV decreased from 25 ns to 15 ns
22 Page 7 tAVLL decreased from 20 ns to 75 ns
23 Page 7 tWHQX decreased from 20 ns to 125 ns
This is the -003 revision of the 82527 data sheet
The following differences exist between the -002
version and the -003 revision
1 The data sheet has been revised to ADVANCE
from PRELIMINARY indicating the specifica-
tions have been verified through electrical tests
2 ABSOLUTE MAXIMUM RATINGS have been
added
3 VIL no longer applies to the AD0–AD7 pins in
CPU Interface mode 3
4 VIL1 has been added to specify Input Low Volt-
age for AD0 – AD7 pins in CPU Interface mode 3
as b05V minimum and a05V maximum
5 ICC supply current has been reduced to 50 mA
from 100 mA
6 Note 2 was added stating during IPD testing all
pins are driven to VSS or VCC including RX0
and RX1
7 tAVLL has been decreased to 20 ns from 33 ns
8 tRLDV1 has been decreased to 15 tMCLK a 100
ns from 2 tMCLK a 100 ns for a Read Cycle
without a previous Write (Modes 0 1)
tRLDV1 has been decreased to 35 tMCLK a 100
ns from 4 tMCLK a 100 ns for a Read Cycle with
a previous Write (Modes 0 1)
9 tCLYV has added the condition of VOL e 10V
for a 32 ns delay tCLYV is 40 ns for VOL e 045
(Modes 0 1)
10 tWHYZ has been decreased to 2 tMCLK a
100 ns from 2 tMCLK a 145 ns (Modes 0 1)
11 tEHDV has been decreased to 15 tMCLK a
100 ns from 2 tMCLK a 100 ns for a Read Cycle
without a previous Write (Mode 2)
tEHDV has been decreased to 35 tMCLK a
100 ns from 4 tMCLK a 100 ns for a Read Cycle
with a previous Write (Mode 2)
12 tELEL has been decreased to 2 tMCLK from
2tMCLK a 145 ns (Mode 2)
13 tCLDV has been decreased to 55 ns from 65 ns
(Mode 3)
14 tCHKH is specified for VIH e 24V decreased
from VIH e 30V Note 3 has been added which
states an on-chip pullup will drive DSACK0
to
approximately 24V An external pullup is re-
quired to drive this signal to a higher voltage
(Mode 3)
15 tCHAI has been increased to 10 ns from 5 ns
tCHAI no longer includes CS
High to RW
Invalid (Mode 3)
16 tCHRI e 5 ns has been added to specify CS
High to RW
Invalid (Mode 3)
17 tEHDV has been decreased to 55 ns from 65 ns
for Reads of the High Speed Registers (Mode
3)
18 tEHDV has been decreased to 15 tMCLK a
100 ns from 2 tMCLK a 100 ns for a Read Cycle
without a previous Write (Mode 3)
tEHDV has been decreased to 35 tMCLK a
100 ns from 4 tMCLK a 100 ns for a Read Cycle
with a previous Write (Mode 3)
19 The tAVAL specification name has been correct-
ed to tAVAV (Mode 3)
20 tCHAI has been increased to 10 ns from 5 ns
(Mode 3)
21 The input voltage in the AC Testing Input Dia-
gram have been revised to VCC b 05V from
30V (high level) and revised to 01V from 08V
(low level)
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com