Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S83C196KB Datasheet(PDF) 14 Page - Intel Corporation

Part # S83C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S83C196KB Datasheet(HTML) 14 Page - Intel Corporation

Back Button S83C196KB Datasheet HTML 10Page - Intel Corporation S83C196KB Datasheet HTML 11Page - Intel Corporation S83C196KB Datasheet HTML 12Page - Intel Corporation S83C196KB Datasheet HTML 13Page - Intel Corporation S83C196KB Datasheet HTML 14Page - Intel Corporation S83C196KB Datasheet HTML 15Page - Intel Corporation S83C196KB Datasheet HTML 16Page - Intel Corporation S83C196KB Datasheet HTML 17Page - Intel Corporation S83C196KB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
8XC196KB8XC196KB16
HOLD HLDA Timings
Symbol
Description
Min
Max
Units
Notes
THVCH
HOLD Setup
55
ns
(Note 1)
TCLHAL
CLKOUT Low to HLDA Low
15
ns
TCLBRL
CLKOUT Low to BREQ Low
15
ns
THALAZ
HLDA Low to Address Float
10
ns
THALBZ
HLDA Low to BHE INST RD WR Float
10
ns
TCLHAH
CLKOUT Low to HLDA High
b
15
15
ns
TCLBRH
CLKOUT Low to BREQ High
b
15
15
ns
THAHAX
HLDA High to Address No Longer Float
b
15
ns
THAHAV
HLDA High to Address Valid
0
ns
THAHBX
HLDA High to BHE INST RD WR No Longer Float
b
20
ns
THAHBV
HLDA High to BHE INST RD WR Valid
0
ns
TCLLH
CLKOUT Low to ALE High
b
515
ns
NOTE
1 To guarantee recognition at next clock
Maximum Hold Latency
Bus Cycle Type
Latency
Internal Access
15 States
16-Bit External Execution
25 States
8-Bit External
45 States
270909 – 9
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com