Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S83C196KB Datasheet(PDF) 22 Page - Intel Corporation

Part # S83C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S83C196KB Datasheet(HTML) 22 Page - Intel Corporation

Back Button S83C196KB Datasheet HTML 14Page - Intel Corporation S83C196KB Datasheet HTML 15Page - Intel Corporation S83C196KB Datasheet HTML 16Page - Intel Corporation S83C196KB Datasheet HTML 17Page - Intel Corporation S83C196KB Datasheet HTML 18Page - Intel Corporation S83C196KB Datasheet HTML 19Page - Intel Corporation S83C196KB Datasheet HTML 20Page - Intel Corporation S83C196KB Datasheet HTML 21Page - Intel Corporation S83C196KB Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
8XC196KB8XC196KB16
The following differences exist between (-003) and
version (-002)
1 The 12 MHz and 16 MHz devices were com-
bined in this data sheet The 87C196KB 12 MHz
only data sheet (272035-001) is now obsolete
2 Changes were made to the format of the data
sheet and the SFR descriptions were removed
3 The -002 version of this data sheet was valid for
devices marked with a ‘‘B’’ or a ‘‘D’’ at the end
of the top side tracking number
4 The OSCILLATOR errata was removed
5 An errata was not documented in the -002 data
sheet for devices marked with a ‘‘B’’ or a ‘‘D’’
This is the DIVIDE DURING HOLDREADY er-
rata When HOLD or READY is active and DIV
DIVB is the last instruction in the queue the di-
vide result may be incorrect
6 TXCH was changed from Min e 40 ns to Min e
20 ns
7 TRLCL was changed from Min e 5nstoMin e
4 ns
9 IIL1 was changed from Max eb6mAtoMax e
b
7 mA
10 THAHBV was changed from Min eb10 ns to
Min eb15 ns
Differences between the -002 and -001 data sheets
1 The -001 version of this data sheet was valid for
devices marked with a ‘‘C’’ at the end of the top
side tracking number
2 Added 64L SDIP and 80L QFP packages
3 Added IIH1
4 Changed TCHWH Min from b 10 ns to b 5 ns
5 Changed TCHWH Max from a 10 ns to a 15 ns
6 Changed TWLWH Min from TOSC b 20 ns to
TOSC b 15 ns
7 Changed TWHQX Min from TOSC b 10 ns to
TOSC b 15 ns
8 Changed TWHLH Min from TOSC b 10 ns to
TOSC b 15 ns
9 Changed TWHLH Max from TOSC a 15 ns to
TOSC a 10 ns
10 Changed TWHBX Min from TOSC b 10 ns to
TOSC b 15 ns
11 Changed THVCH Min from 85 ns to 55 ns
12 Remove THVCH Max
13 Changed TCLHAL Min from b 10 ns to b 15 ns
14 Changed TCLHAL Max from 20 ns to 15 ns
15 Changed TCLBRL Min from b 10 ns to b 15 ns
16 Changed TCLBRL Max from 20 ns to 15 ns
17 Changed THAHAX Min from b 10 ns to b 15 ns
18 Added HSI description to Functional Deviations
19 Added Oscillator description to Functional Devi-
ations
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com