Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S83C196KB Datasheet(PDF) 15 Page - Intel Corporation

Part # S83C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S83C196KB Datasheet(HTML) 15 Page - Intel Corporation

Back Button S83C196KB Datasheet HTML 11Page - Intel Corporation S83C196KB Datasheet HTML 12Page - Intel Corporation S83C196KB Datasheet HTML 13Page - Intel Corporation S83C196KB Datasheet HTML 14Page - Intel Corporation S83C196KB Datasheet HTML 15Page - Intel Corporation S83C196KB Datasheet HTML 16Page - Intel Corporation S83C196KB Datasheet HTML 17Page - Intel Corporation S83C196KB Datasheet HTML 18Page - Intel Corporation S83C196KB Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
8XC196KB8XC196KB16
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TXLXL
Oscillator Frequency 12 MHz
35
120
MHz
1TXLXL
Oscillator Frequency 16 MHz
35
16
MHz
TXLXL
Oscillator Period 12 MHz
833
286
ns
TXLXL
Oscillator Period 16 MHz
625
286
ns
TXHXX
High Time
2125
ns
TXLXX
Low Time
2125
ns
TXLXH
Rise Time
10
ns
TXHXL
Fall Time
10
ns
EXTERNAL CLOCK DRIVE WAVEFORMS
270909 – 10
An external oscillator may encounter as much as a 100 pF load at XTAL1 when it starts-up This is due to
interaction between the amplifier and its feedback capacitance Once the external signal meets the VIL and
VIH specifications the capacitance will not exceed 20 pF
EXTERNAL CRYSTAL CONNECTIONS
270909 – 11
NOTE
Keep oscillator components close to chip and use
short direct traces to XTAL1 XTAL2 and VSS When
using crystals C1 e 20 pF C2 e 20 pF When using
ceramic resonators consult manufacturer for recom-
mended circuitry
EXTERNAL CLOCK CONNECTIONS
270909 – 12
Required if open-collector TTL driver used
Not needed if CMOS driver is used
AC TESTING INPUT OUTPUT WAVEFORMS
270909 – 13
AC Testing inputs are driven at 24V for a Logic ‘‘1’’ and 045V for
a Logic ‘‘0’’ Timing measurements are made at 20V for a Logic
‘‘1’’ and 08V for a Logic ‘‘0’’
FLOAT WAVEFORMS
270909 – 14
For Timing Purposes a Port Pin is no Longer Floating when a
200 mV change from Load Voltage Occurs and Begins to Float
when a 200 mV change from the Loaded VOH VOL Level occurs
IOL IOH e g15 mA
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com