Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S83C196KB Datasheet(PDF) 3 Page - Intel Corporation

Part # S83C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S83C196KB Datasheet(HTML) 3 Page - Intel Corporation

  S83C196KB Datasheet HTML 1Page - Intel Corporation S83C196KB Datasheet HTML 2Page - Intel Corporation S83C196KB Datasheet HTML 3Page - Intel Corporation S83C196KB Datasheet HTML 4Page - Intel Corporation S83C196KB Datasheet HTML 5Page - Intel Corporation S83C196KB Datasheet HTML 6Page - Intel Corporation S83C196KB Datasheet HTML 7Page - Intel Corporation S83C196KB Datasheet HTML 8Page - Intel Corporation S83C196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
8XC196KB8XC196KB16
PROCESS INFORMATION
This device is manufactured on P6290 and 6291 a
CHMOS III-E process Additional process and reli-
ability information is available in Intel’s
Components
Quality and Reliability Handbook
Order Number
210997
270909 – 2
EXAMPLE
N87C196KB16
is
68-Lead
PLCC
OTPROM 16 MHz
For complete package dimensional data refer to the
Intel Packaging Handbook (Order Number 240800)
NOTE
1 EPROMs are available as One Time Programmable
(OTPROM) only
Figure 2 The 8XC196KB Nomenclature
Table 1 Thermal Characteristics
Package
ija
ijc
Type
PLCC
35 CW
13 CW
QFP
70 CW
4 CW
All thermal impedance data is approximate for static air
conditions at 1W of power dissipation Values will change
depending on operation conditions and application See
the Intel
Packaging Handbook (order number 240800) for a
description of Intel’s thermal impedance test methodology
Table 2 8XC196KB Memory Map
Description
Address
External Memory or IO
0FFFFH
04000H
Internal ROMEPROM or External
3FFFH
Memory (Determined by EA)
2080H
Reserved Must contain FFH
207FH
(Note 5)
2040H
Upper Interrupt Vectors
203FH
2030H
ROMEPROM Security Key
202FH
2020H
Reserved Must contain FFH
201FH
(Note 5)
201AH
Reserved Must Contain 20H
2019H
(Note 5)
CCB
2018H
Reserved Must contain FFH
2017H
(Note 5)
2014H
Lower Interrupt Vectors
2013H
2000H
Port 3 and Port 4
1FFFH
1FFEH
External Memory
1FFDH
0100H
232 Bytes Register RAM (Note 1)
00FFH
0018H
CPU SFR’s (Notes 1 3)
0017H
0000H
NOTES
1 Code executed in locations 0000H to 00FFH will be
forced external
2 Reserved memory locations must contain 0FFH unless
noted
3 Reserved SFR bit locations must contain 0
4 Refer to 8XC196KB quick reference for SFR descrip-
tions
5 WARNING Reserved memory locations must not be
written or read The contents andor function of these lo-
cations may change with future revisions of the device
Therefore a program that relies on one or more of these
locations may not function properly
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com