Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970A Datasheet(PDF) 13 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 13 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 9Page - Intel Corporation LXT970A Datasheet HTML 10Page - Intel Corporation LXT970A Datasheet HTML 11Page - Intel Corporation LXT970A Datasheet HTML 12Page - Intel Corporation LXT970A Datasheet HTML 13Page - Intel Corporation LXT970A Datasheet HTML 14Page - Intel Corporation LXT970A Datasheet HTML 15Page - Intel Corporation LXT970A Datasheet HTML 16Page - Intel Corporation LXT970A Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
13
Table 4.
LXT970A Twisted-Pair Interface Signal Descriptions
Pin#1
Pin Name
I/O2
Signal Description
21
23
TPOP
TPON
AO
Twisted-Pair Output, Positive and Negative. Differential driver pair produces 802.3-
compliant pulses for either 100BASE-TX or 10BASE-T transmission.
20
TREF
AO
Transmit Reference. Tie to center tap of output transformer.
29
30
TPIP
TPIN
AI
Twisted-Pair Input, Positive and Negative. Differential input pair for either 100BASE-TX
or 10BASE-T reception.
1. Pin numbers apply to all package types.
2. I/O Column Coding: I = Input, O = Output, OD = Open Drain, A = Analog
Table 5.
LXT970A LED Indicator Signal Descriptions
Pin#1
Pin Name
I/O2
Signal Description3
38
LEDS
O
Speed LED. Active Low output indicates 100 Mbps operation is selected.
42
LEDR
O
Receive LED. Active Low output indicates that receiver is active.
41
LEDT
O
Transmit LED. Active Low output indicates transmitter is active.
40
LEDL
O
Link LED. Active Low output;
During 100 Mbps operation, indicates scrambler lock and receipt of valid Idle codes.
During 10 Mbps operation, indicates Link Valid status.
39
LEDC
O
Collision LED. In default mode, active Low output indicates collision. However, LEDC is
programmable and may be set for other indications. For programming options, see
Configuration Register 19 in Table 55, “Configuration Register (Address 19, Hex 13)” on
page 71.
1. Pin numbers apply to all package types.
2. I/O Column Coding: I = Input, O = Output, OD = Open Drain, A = Analog.
3. LEDs are read at power-up to determine scrambler seed values.
Table 6.
LXT970A Miscellaneous Signal Descriptions
Pin#1
Pin Name
I/O2
Signal Description
10
TEST
I
Test. Must be tied Low.
12
11
XI
XO
I
O
Crystal Input and Output. Use a clock at XI or connect a 25 MHz crystal oscillator across
XI and XO. Refer to the Functional Description section for detailed clock requirements on
page 18.
25
RBIAS
AI
Bias Control. Controls operating circuit bias via an external 22.1 k
Ω, 1% resistor to
ground.
16
RESET
I
Reset. This active Low input is OR’ed with the control register Reset bit (0.15). The
LXT970A reset cycle is extended 300
µs (nominal) after Reset is de-asserted.
34
PWRDWN
I
Power Down. When High, forces LXT970A into power down mode. This pin is OR’ed with
the Power Down bit (0.11). Refer to Table 45 for more information.
32, 35,
36
N/C
-
No Connection. Leave open.
1. Pin numbers apply to all package types.
2. I/O Column Coding: I = Input, O = Output, OD = Open Drain, A = Analog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com