Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970A Datasheet(PDF) 67 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 67 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 63Page - Intel Corporation LXT970A Datasheet HTML 64Page - Intel Corporation LXT970A Datasheet HTML 65Page - Intel Corporation LXT970A Datasheet HTML 66Page - Intel Corporation LXT970A Datasheet HTML 67Page - Intel Corporation LXT970A Datasheet HTML 68Page - Intel Corporation LXT970A Datasheet HTML 69Page - Intel Corporation LXT970A Datasheet HTML 70Page - Intel Corporation LXT970A Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
67
Table 49. Auto Negotiation Advertisement Register (Address 4)
Bit
Name
Description
Type 1
Default
4.15
Next Page
Not Supported
RO
0
4.14
Reserved
Ignore on read.
RO
0
4.13
Remote Fault
1 = Remote fault.
0 = No remote fault.
R/W
0
4.12:11
Reserved
Ignore on read.
R/W
0
4.10
Pause
1 = Pause operation is enabled for full-duplex links.
0 = Pause operation is disabled.
R/W
0
4.9
100BASE-T4
1 = 100BASE-T4 capability is available.
0 = 100BASE-T4 capability is not available.
(The LXT970A does not support 100BASE-T4, but allows this bit to be set
to advertise in the Auto-Negotiation sequence for 100BASE-T4 operation.
An external 100BASE-T4 transceiver could be switched in if this capability
is desired.)
R/W
0
4.8
100BASE-TX
full-duplex
1 = DTE is 100BASE-TX full-duplex capable.
0 = DTE is not 100BASE-TX full-duplex capable.
R/W
Note 2
4.7
100BASE-TX
1 = DTE is 100BASE-TX capable.
0 = DTE is not 100BASE-TX capable.
R/W
Note 3
4.6
10BASE-T
full-duplex
1 = DTE is 10BASE-T full-duplex capable.
0 = DTE is not 10BASE-T full-duplex capable.
R/W
Note 4
4.5
10BASE-T
1 = DTE is 10BASE-T capable.
0 = DTE is not 10BASE-T capable.
R/W
Note 5
4.4:0
Selector Field,
S<4:0>
<00001> = IEEE 802.3
<00010> = IEEE 802.9 ISLAN-16T
<00000> = Reserved for future Auto-Negotiation development
<11111> = Reserved for future Auto-Negotiation development
Unspecified or reserved combinations should not be transmitted.
R/W
00001
1. R/W = Read/Write
RO = Read Only
2. The default value of bit 4.8 is determined by pin FDE AND’ed with pin MF4.
3. The default value of bit 4.7 is determined by pin MF4.
4. The default value of bit 4.6 is determined by pin FDE AND’ed with pin CFG1.
5. The default value of bit 4.5 is determined by pin CFG1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com