Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970A Datasheet(PDF) 41 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 41 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 37Page - Intel Corporation LXT970A Datasheet HTML 38Page - Intel Corporation LXT970A Datasheet HTML 39Page - Intel Corporation LXT970A Datasheet HTML 40Page - Intel Corporation LXT970A Datasheet HTML 41Page - Intel Corporation LXT970A Datasheet HTML 42Page - Intel Corporation LXT970A Datasheet HTML 43Page - Intel Corporation LXT970A Datasheet HTML 44Page - Intel Corporation LXT970A Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
41
3.0
Application Information
3.1
Magnetics Information
The LXT970A requires a 1:1 ratio for both the receive and the transmit transformers. Refer to
Table 18 for magnetics requirements.
A cross-reference list of magnetic manufacturers and part numbers is available in Application Note
73, Magnetic Manufacturers, which can be found on the Intel web site (developer.intel.com/design/
network/). Designers must test and evaluate all components for suitability in their applications.
3.2
Crystal Information
The LXT970A requires a parallel-resonant fundamental-mode crystal that meet specifications as
shown in Table 19. XI and XO input capacitance and voltage requirements are provided in Table 25
on page 48.
Crystals are available from various manufacturers. Designers should test and validate all crystals
before committing to a specific component. Based on limited evaluation, Table 20 provides
suitable crystal component manufacturers.
Table 18. Magnetics Requirements
Parameter
Min
Nom
Max
Units
Test Condition
Rx and Tx Turns Ratio
–
1:1
––
Insertion Loss
0.0
–
1.1
dB
Primary Inductance
350
––
µH
Transformer Isolation
–
2
–
kV
Differential to common mode rejection
––
-40
dB
.1 to 60 MHz
––
-35
dB
60 to 100 MHz
Return Loss
––
-17
dB
.1 to 60 MHz
––
-15
dB
60 to 100 MHz
Rise Time
2.0
–
3.5
ns
10% to 90%
Table 19. Crystal Requirements
Parameter
Min
Nom
Max
Units
Test Condition
Frequency
–
25.0
–
MHz
Frequency Stability
––
±100
ppm
-40 - 85oC
1. See Table 25 (Clock Characteristics) for additional device specifications.
Table 20. Crystal Component Manufacturers
Component
Manufacturer
Part Number
Crystal
Epson America
MA-505-25.000M
Caliber Electronics
AA18C1-25.000MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com