Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT970A Datasheet(PDF) 56 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 56 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 52Page - Intel Corporation LXT970A Datasheet HTML 53Page - Intel Corporation LXT970A Datasheet HTML 54Page - Intel Corporation LXT970A Datasheet HTML 55Page - Intel Corporation LXT970A Datasheet HTML 56Page - Intel Corporation LXT970A Datasheet HTML 57Page - Intel Corporation LXT970A Datasheet HTML 58Page - Intel Corporation LXT970A Datasheet HTML 59Page - Intel Corporation LXT970A Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
56
Datasheet
Figure 27. MII - 100BASE-FX Transmit Timing / 4B Mode
Table 36. MII - 100BASE-FX Transmit Timing Parameters / 4B Mode
Parameter
Sym
Min
Typ
1
Max
Units2
TXD<3:0>, TX_EN, TX_ER Setup to TX_CLK High
t6A
10
––
ns
TXD<3:0>, TX_EN, TX_ER Hold from TX_CLK High
t6B
5
––
ns
TX_EN sampled to CRS asserted
t6C
–
34
BT
TX_EN sampled to CRS de-asserted
t6D
–
416
BT
TX_EN sampled to TPO out (Tx latency)
t6E
6
11
14
BT
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. BT is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit rate. 100BASE-T bit time = 10-
8 s or 10 ns.
t6A
t6B
t6E
t6C
t6D
0ns
250ns
TXCLK
TX_EN
TXD<3:0>
CRS
FIBOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com