Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82C42PD Datasheet(PDF) 1 Page - Intel Corporation

Part # P82C42PD
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PD Datasheet(HTML) 1 Page - Intel Corporation

  P82C42PD Datasheet HTML 1Page - Intel Corporation P82C42PD Datasheet HTML 2Page - Intel Corporation P82C42PD Datasheet HTML 3Page - Intel Corporation P82C42PD Datasheet HTML 4Page - Intel Corporation P82C42PD Datasheet HTML 5Page - Intel Corporation P82C42PD Datasheet HTML 6Page - Intel Corporation P82C42PD Datasheet HTML 7Page - Intel Corporation P82C42PD Datasheet HTML 8Page - Intel Corporation P82C42PD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
December 1995
COPYRIGHT
INTEL CORPORATION 1996
Order Number 290414-003
UPI-C42UPI-L42
UNIVERSAL PERIPHERAL INTERFACE
CHMOS 8-BIT SLAVE MICROCONTROLLER
Y
Pin Software and Architecturally
Compatible with all UPI-41 and UPI-42
Products
Y
Low Voltage Operation with the UPI-
L42
Full 33V Support
Y
Hardware A20 Gate Support
Y
Suspend Power Down Mode
Y
Security Bit Code Protection Support
Y
8-Bit CPU plus ROMOTP EPROM RAM
IO TimerCounter and Clock in a
Single Package
Y
4096 x 8 ROMOTP 256 x 8 RAM 8-Bit
TimerCounter 18 Programmable IO
Pins
Y
DMA Interrupt or Polled Operation
Supported
Y
One 8-Bit Status and Two Data
Registers for Asynchronous Slave-to-
Master Interface
Y
Fully Compatible with all Intel and Most
Other Microprocessor Families
Y
Interchangeable ROM and OTP EPROM
Versions
Y
Expandable IO
Y
Sync Mode Available
Y
Over 90 Instructions 70% Single Byte
Y
Quick Pulse Programming Algorithm
Fast OTP Programming
Y
Available in 40-Lead Plastic 44-Lead
Plastic Leaded Chip Carrier and
44-Lead Quad Flat Pack Packages
(See Packaging Spec Order
240800 Package Type P N
and S)
The UPI-C42 is an enhanced CHMOS version of the industry standard Intel UPI-42 family It is fabricated on
Intel’s CHMOS III-E process The UPI-C42 is pin software and architecturally compatible with the NMOS UPI
family The UPI-C42 has all of the same features of the NMOS family plus a larger user programmable memory
array (4K) hardware A20 gate support and lower power consumption inherent to a CHMOS product
The UPI-L42 offers the same functionality and socket compatibility as the UPI-C42 as well as providing low
voltage 33V operation
The UPI-C42 is essentially a ‘‘slave’’ microcontroller or a microcontroller with a slave interface included on the
chip Interface registers are included to enable the UPI device to function as a slave peripheral controller in the
MCS Modules and iAPX family as well as other 8- 16- and 32-bit systems
To allow full user flexibility the program memory is available in ROM and One-Time Programmable EPROM
(OTP)
290414 – 1
Figure 1 DIP Pin
Configuration
290414 – 2
Figure 2 PLCC Pin Configuration
290414 – 3
Figure 3 QFP Pin Configuration


Similar Part No. - P82C42PD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P82C435 ETC1-P82C435 Datasheet
4Mb / 82P
ENHANCED GRAPHICS CONTROLLER / BUS INTERFACE
P82C436 ETC1-P82C436 Datasheet
4Mb / 82P
ENHANCED GRAPHICS CONTROLLER / BUS INTERFACE
More results

Similar Description - P82C42PD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
82C55A INTEL-82C55A Datasheet
325Kb / 23P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
logo
Integral Corp.
IN82C55AN INTEGRAL-IN82C55AN Datasheet
341Kb / 21P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intel Corporation
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
KODENSHI_AUK CORP.
KK82C55 KODENSHI-KK82C55 Datasheet
592Kb / 22P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Digital Core Design
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
Serial Peripheral Interface - Slave
logo
Intel Corporation
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com