Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82C42PD Datasheet(PDF) 2 Page - Intel Corporation

Part # P82C42PD
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PD Datasheet(HTML) 2 Page - Intel Corporation

  P82C42PD Datasheet HTML 1Page - Intel Corporation P82C42PD Datasheet HTML 2Page - Intel Corporation P82C42PD Datasheet HTML 3Page - Intel Corporation P82C42PD Datasheet HTML 4Page - Intel Corporation P82C42PD Datasheet HTML 5Page - Intel Corporation P82C42PD Datasheet HTML 6Page - Intel Corporation P82C42PD Datasheet HTML 7Page - Intel Corporation P82C42PD Datasheet HTML 8Page - Intel Corporation P82C42PD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
UPI-C42UPI-L42
Table 1 Pin Description
DIP
PLCC
QFP
Symbol
Pin
Pin
Pin
Type
Name and Function
No
No
No
TEST 0
1
2
18
I
TEST INPUTS
Input pins which can be directly tested using conditional
branch instructions
TEST 1
39
43
16
FREQUENCY REFERENCE
TEST 1 (T1) functions as the event timer
input (under software control) TEST 0 (T0) is a multi-function pin used
during PROM programming and ROMEPROM verification during Sync
Mode to reset the instruction state to S1 and synchronize the internal clock
to PH1
XTAL 1
2
3
19
O
OUTPUT
Output from the oscillator amplifier
XTAL 2
3
4
20
I
INPUT
Input to the oscillator amplifier and internal clock generator
circuits
RESET
4
5
22
I
RESET
Input used to reset status flip-flops set the program counter to
zero and force the UPI-C42 from the suspend power down mode
RESET is also used during EPROM programming and verification
SS
5
6
23
I
SINGLE STEP
Single step input used in conjunction with the SYNC output
to step the program through each instruction (EPROM) This should be tied
to a5V when not used This pin is also used to put the device in Sync
Mode by applying 125V to it
CS
6
7
24
I
CHIP SELECT
Chip select input used to select one UPI microcomputer
out of several connected to a common data bus
EA
7
8
25
I
EXTERNAL ACCESS
External access input which allows emulation
testing and ROMEPROM verification This pin should be tied low if
unused
RD
8
9
26
I
READ
IO read input which enables the master CPU to read data and
status words from the OUTPUT DATA BUS BUFFER or status register
A0
910
27
I
COMMANDDATA SELECT
Address Input used by the master processor
to indicate whether byte transfer is data (A0 e 0 F1 is reset) or command
(A0 e 1 F1 is set) A0 e 0 during program and verify operations
WR
10
11
28
I
WRITE
IO write input which enables the master CPU to write data and
command words to the UPI INPUT DATA BUS BUFFER
SYNC
11
13
29
O
OUTPUT CLOCK
Output signal which occurs once per UPI instruction
cycle SYNC can be used as a strobe for external circuitry it is also used to
synchronize single step operation
D0–D7
(BUS)
12–19
14–21
30–37
I O
DATA BUS
Three-state bidirectional DATA BUS BUFFER lines used to
interface the UPI microcomputer to an 8-bit master system data bus
P10–P17
27–34
30–33
2–10
I O
PORT 1
8-bit PORT 1 quasi-bidirectional IO lines P10–P17 access the
signature row and security bit
35–38
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com