Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82C42PD Datasheet(PDF) 18 Page - Intel Corporation

Part # P82C42PD
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PD Datasheet(HTML) 18 Page - Intel Corporation

Back Button P82C42PD Datasheet HTML 14Page - Intel Corporation P82C42PD Datasheet HTML 15Page - Intel Corporation P82C42PD Datasheet HTML 16Page - Intel Corporation P82C42PD Datasheet HTML 17Page - Intel Corporation P82C42PD Datasheet HTML 18Page - Intel Corporation P82C42PD Datasheet HTML 19Page - Intel Corporation P82C42PD Datasheet HTML 20Page - Intel Corporation P82C42PD Datasheet HTML 21Page - Intel Corporation P82C42PD Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
UPI-C42UPI-L42
AC CHARACTERISTICS
TA e 0 Cto a70 C VSS e 0V VCC e VDD ea5V g10% a33V g10% for the UPI-L42 (Continued)
CLOCK
Symbol
Parameter
Min
Max
Units
tCY UPI-C42UPI-L42
Cycle Time
12
920
m
s(1)
tCYC UPI-C42UPI-L42
Clock Period
80
613
ns
tPWH
Clock High Time
30
ns
tPWL
Clock Low Time
30
ns
tR
Clock Rise Time
10
ns
tF
Clock Fall Time
10
ns
NOTE
1 tCY e 15f(XTAL)
AC CHARACTERISTICS DMA
Symbol
Parameter
Min
Max
Units
tACC
DACK to WR or RD
0
ns
tCAC
RD or WR to DACK
0
ns
tACD
DACK to Data Valid
0
130
ns
tCRQ
RD or WR to DRQ Cleared
110
ns(1)
NOTE
1 CL e 150 pF
AC CHARACTERISTICS PORT 2
Symbol
Parameter
f(tCY)(3)
Min
Max
Units
tCP
Port Control Setup Before Falling Edge of PROG
115 tCYb28
55
ns(1)
tPC
Port Control Hold After Falling Edge of PROG
110 tCY
125
ns(2)
tPR
PROG to Time P2 Input Must Be Valid
815 tCYb16
650
ns(1)
tPF
Input Data Hold Time
0
150
ns(2)
tDP
Output Data Setup Time
210 tCY
250
ns(1)
tPD
Output Data Hold Time
110 tCYb80
45
ns(2)
tPP
PROG Pulse Width
610 tCY
750
ns
NOTES
1 CL e 80 pF
2 CL e 20 pF
3 tCY e 125 ms
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com