Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82C42PD Datasheet(PDF) 5 Page - Intel Corporation

Part # P82C42PD
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PD Datasheet(HTML) 5 Page - Intel Corporation

  P82C42PD Datasheet HTML 1Page - Intel Corporation P82C42PD Datasheet HTML 2Page - Intel Corporation P82C42PD Datasheet HTML 3Page - Intel Corporation P82C42PD Datasheet HTML 4Page - Intel Corporation P82C42PD Datasheet HTML 5Page - Intel Corporation P82C42PD Datasheet HTML 6Page - Intel Corporation P82C42PD Datasheet HTML 7Page - Intel Corporation P82C42PD Datasheet HTML 8Page - Intel Corporation P82C42PD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
UPI-C42UPI-L42
UPI-42 COMPATIBLE FEATURES
1
Two Data Bus Buffers one for input and one for
output This allows a much cleaner MasterSlave
protocol
290414 – 5
2
8 Bits of Status
ST7 ST6 ST5 ST4 F1 F0 IBF OBF
D7
D6
D5
D4 D3 D2 D1
D0
ST4–ST7 are user definable status bits These
bits are defined by the ‘‘MOV STS A’’ single
byte single cycle instruction Bits 4 – 7 of the
acccumulator are moved to bits 4 – 7 of the status
register Bits 0 – 3 of the status register are not
affected
MOV STS A
Op Code 90H
1
001000
0
D7
D0
3
RD and WR are edge triggered IBF OBF F1 and
INT change internally after the trailing edge of RD
or WR
During the time that the host CPU is reading the
status register the UPI is prevented from updat-
ing this register or is ‘locked out’
290414 – 6
4
P24 and P25 are port pins or Buffer Flag pins
which can be used to interrupt a master proces-
sor These pins default to port pins on Reset
If the ‘‘EN FLAGS’’ instruction has been execut-
ed P24 becomes the OBF (Output Buffer Full)
pin A ‘‘1’’ written to P24 enables the OBF pin (the
pin outputs the OBF Status Bit) A ‘‘0’’ written to
P24 disables the OBF pin (the pin remains low)
This pin can be used to indicate that valid data is
available from the UPI (in Output Data Bus Buff-
er)
If ‘‘EN FLAGS’’ has been executed P25 be-
comes the IBF (Input Buffer Full) pin A ‘‘1’’ writ-
ten to P25 enables the IBF pin (the pin outputs
the inverse of the IBF Status Bit A ‘‘0’’ written to
P25 disables the IBF pin (the pin remains low)
This pin can be used to indicate that the UPI is
ready for data
Data Bus Buffer Interrupt Capability
290414 – 7
EN FLAGS
Op Code 0F5H
1
1
11010
1
D7
D0
5
P26 and P27 are port pins or DMA handshake
pins for use with a DMA controller These pins
default to port pins on Reset
If the ‘‘EN DMA’’ instruction has been executed
P26 becomes the DRQ (DMA Request) pin A ‘‘1’’
written to P26 causes a DMA request (DRQ is
activated) DRQ is deactivated by DACK
RD
DACK
WR or execution of the ‘‘EN DMA’’ in-
struction
DMA Handshake Capability
290414 – 8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com