Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7493 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 5Page - STMicroelectronics TDA7493 Datasheet HTML 6Page - STMicroelectronics TDA7493 Datasheet HTML 7Page - STMicroelectronics TDA7493 Datasheet HTML 8Page - STMicroelectronics TDA7493 Datasheet HTML 9Page - STMicroelectronics TDA7493 Datasheet HTML 10Page - STMicroelectronics TDA7493 Datasheet HTML 11Page - STMicroelectronics TDA7493 Datasheet HTML 12Page - STMicroelectronics TDA7493 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TDA7493
Electrical specifications
Doc ID 14570 Rev 6
9/30
4
Electrical specifications
4.1
Absolute maximum ratings
4.2
Thermal data
4.3
Electrical characteristics
Refer to Figure 3: Typical application circuit, VCC = 5 V, RL (load) = 4 Ω, R1 = 39 kΩ,
C4 = 100 nF, f = 1 kHz, GV = 18 dB, Tamb = 25 °C, unless otherwise specified.
Table 3.
Absolute maximum rating
Symbol
Parameter
Negative
value
Positive
value
Unit
VCC
DC supply on pins PVCCPL, PVCCPR, PVCCNL,
PVCCNR, SVCC
-0.3
6
V
VCC_STANDBY
Standby DC supply on pins PVCCPL, PVCCPR,
PVCCNL, PVCCNR, SVCC
-0.3
7
V
Vi
Input on pins STANDBY, INNL, INPL, INNR, INPR,
GAIN0, GAIN1
-0.3
6
V
Top
Operating temperature
0
70
°C
Tstg, Tj
Storage and junction temperature
-40
150
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case
Thermal resistance junction to case
-
2
3
°C/W
Rth j-amb
Thermal resistance junction to ambient
(on recommended PCB) (1)
1.
FR4 with via holes, copper area 9 cm² as explained in Chapter 8 on page 28.
-37
-
°C/W
Table 5.
Electrical characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply range
-
3.0
-
5.5
V
Iq
Total quiescent current No filter, no load
-
7
-
mA
Vos
Output offset voltage
Vi = 0, Gv = 6 dB, no load
-20
-
20
mV
Po
Output power
(filterless)
THD = 10%
-
3.0
-
W
THD = 1%
-2.4
-W
Po
Output power (with
filter)
THD = 10%
-
2.8
-
W
THD = 1%
-2.2
-W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com