Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7493 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 12Page - STMicroelectronics TDA7493 Datasheet HTML 13Page - STMicroelectronics TDA7493 Datasheet HTML 14Page - STMicroelectronics TDA7493 Datasheet HTML 15Page - STMicroelectronics TDA7493 Datasheet HTML 16Page - STMicroelectronics TDA7493 Datasheet HTML 17Page - STMicroelectronics TDA7493 Datasheet HTML 18Page - STMicroelectronics TDA7493 Datasheet HTML 19Page - STMicroelectronics TDA7493 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Applications information
TDA7493
16/30
Doc ID 14570 Rev 6
5.6
Output low-pass filter
To avoid EMI problems, a low-pass filter can be inserted before the speaker. The cut-off
frequency of the filter should be higher than 22 kHz and much lower than the switching
frequency.
The component values of the filter vary according to the speaker impedance.
A typical LC output filter for a speaker impedance of 8
Ω and with a cut-off frequency of
27 kHz is shown in Figure 9.
Figure 9.
Typical LC filter for 8
Ω speaker
A similar filter for a speaker impedance of 4
Ω and also with a cut-off frequency of 27 kHz is
shown in Figure 10:
Figure 10.
Typical LC filter for 4
Ω speaker
33 µH
8
Ω
0.47 µF
0.10 µF
0.10 µF
330 pF
20
Ω
33 µH
OUTP
OUTN
0.47 µF
15 µH
OUTP
OUTN
330 pF
20
Ω
15 µH
0.22 µF
0.22 µF
4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com