Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7493 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 7Page - STMicroelectronics TDA7493 Datasheet HTML 8Page - STMicroelectronics TDA7493 Datasheet HTML 9Page - STMicroelectronics TDA7493 Datasheet HTML 10Page - STMicroelectronics TDA7493 Datasheet HTML 11Page - STMicroelectronics TDA7493 Datasheet HTML 12Page - STMicroelectronics TDA7493 Datasheet HTML 13Page - STMicroelectronics TDA7493 Datasheet HTML 14Page - STMicroelectronics TDA7493 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TDA7493
Applications information
Doc ID 14570 Rev 6
11/30
5
Applications information
5.1
Mode selection
Pin STANDBY selects the operating mode, namely standby or play.
In standby mode, all the circuits are turned off and there is very low leakage current.
In play mode, the amplifiers are powered up.
During the turn on/off sequence, there are four operational states: standby, pre-charge,
mute and play. The pre-charge and mute states are two internal transient states to set up
the normal operating condition and to reduce the speaker pop noise.
Note:
An internal pull-down resistor on pin STANDBY ensures that the default mode is standby.
5.2
Gain setting
The close loop gain is set by pins GAIN0 and GAIN1 as shown below in Table 7. The gain
setting is implemented by changing the feedback resistors of the amplifiers.
Note:
Internal pull-down resistors on pins GAIN0 and GAIN1 ensure that the default gain is 6 dB.
Table 6.
Mode selection
Logic level on pin STANDBY
Mode
0
Standby
1Play
Table 7.
Gain selection
Logic level on pin GAIN0
Logic level on pin GAIN1
Gv (nominal)
006.0 dB
0
1
12.0 dB
1
0
15.6 dB
1
1
18.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com