Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7493 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7493
Description  3-watt 3-watt dual BTL class-D audio amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7493 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7493 Datasheet HTML 22Page - STMicroelectronics TDA7493 Datasheet HTML 23Page - STMicroelectronics TDA7493 Datasheet HTML 24Page - STMicroelectronics TDA7493 Datasheet HTML 25Page - STMicroelectronics TDA7493 Datasheet HTML 26Page - STMicroelectronics TDA7493 Datasheet HTML 27Page - STMicroelectronics TDA7493 Datasheet HTML 28Page - STMicroelectronics TDA7493 Datasheet HTML 29Page - STMicroelectronics TDA7493 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
TDA7493
Package mechanical data
Doc ID 14570 Rev 6
27/30
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 10.
HTSSOP24 EPD dimensions
Reference
mm
inch
Notes
Min
Typ
Max
Min
Typ
Max
A
-
-1.20
--0.047
-
A1
-
-
0.15
-
-
0.006
-
A2
0.80
1.00
1.05
0.031
0.039
0.041
-
b
0.19
-
0.30
0.007
-
0.012
-
c
0.09
-
0.20
0.004
-
0.008
-
D
7.70
7.80
7.90
0.303
0.307
0.311
(1)
1.
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15mm (0.006 inch) per side.
D1
4.80
5.00
5.2
0.189
0.197
0.205
-
E
6.20
6.40
6.60
0.244
0.252
0.260
-
E1
4.30
4.40
4.50
0.169
0.173
0.177
(2)
2.
Dimension E1 does not include interlead flash or protrusions. Interlead flash or protrusions does not
exceed 0.25mm (0.010 inch) per side.
E2
3.00
3.20
3.40
0.118
0.126
0.134
-
e
-
0.65
-
-
0.026
-
-
L
0.45
0.60
0.75
0.018
0.024
0.030
-
L1
-
1.00
-
-
0.039
-
-
aaa
-
-
0.10
-
-
0.004
-
k0
-
8
0
-
8
degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com