Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803LCWM Datasheet(PDF) 6 Page - Intersil Corporation

Part # ADC0803LCWM
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0803LCWM Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ADC0803LCWM Datasheet HTML 2Page - Intersil Corporation ADC0803LCWM Datasheet HTML 3Page - Intersil Corporation ADC0803LCWM Datasheet HTML 4Page - Intersil Corporation ADC0803LCWM Datasheet HTML 5Page - Intersil Corporation ADC0803LCWM Datasheet HTML 6Page - Intersil Corporation ADC0803LCWM Datasheet HTML 7Page - Intersil Corporation ADC0803LCWM Datasheet HTML 8Page - Intersil Corporation ADC0803LCWM Datasheet HTML 9Page - Intersil Corporation ADC0803LCWM Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6-10
Typical Performance Curves
FIGURE 2. LOGIC INPUT THRESHOLD VOLTAGE vs SUPPLY
VOLTAGE
FIGURE 3. DELAY FROM FALLING EDGE OF RD TO OUTPUT
DATA VALID vs LOAD CAPACITANCE
FIGURE 4. CLK IN SCHMITT TRIP LEVELS vs SUPPLY VOLTAGE
FIGURE 5. fCLK vs CLOCK CAPACITOR
FIGURE 6. FULL SCALE ERROR vs fCLK
FIGURE 7. EFFECT OF UNADJUSTED OFFSET ERROR
-55oC TO 125oC
1.8
1.7
1.6
1.5
1.4
1.3
4.75
4.50
5.00
5.25
5.50
V+ SUPPLY VOLTAGE (V)
500
400
300
200
100
0
LOAD CAPACITANCE (pF)
200
400
600
800
1000
3.5
3.1
2.7
2.3
1.9
1.5
4.50
V+ SUPPLY VOLTAGE (V)
-55oC TO 125oC
VT(-)
VT(+)
4.75
5.00
5.25
5.50
1000
CLOCK CAPACITOR (pF)
100
100
10
1000
R = 10K
R = 50K
R = 20K
7
6
5
4
3
2
1
0
fCLK (kHz)
0
400
800
1200
1600
2000
V+ = 4.5V
V+ = 5V
V+ = 6V
VIN(+) = VIN(-) = 0V
ASSUMES VOS = 2mV
THIS SHOWS THE NEED
FOR A ZERO ADJUSTMENT
IF THE SPAN IS REDUCED
16
14
12
10
8
6
4
2
VREF/2 (V)
0
0.01
0.1
1.0
5
ADC0802, ADC0803, ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com