Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803LCWM Datasheet(PDF) 13 Page - Intersil Corporation

Part # ADC0803LCWM
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0803LCWM Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ADC0803LCWM Datasheet HTML 8Page - Intersil Corporation ADC0803LCWM Datasheet HTML 9Page - Intersil Corporation ADC0803LCWM Datasheet HTML 10Page - Intersil Corporation ADC0803LCWM Datasheet HTML 11Page - Intersil Corporation ADC0803LCWM Datasheet HTML 12Page - Intersil Corporation ADC0803LCWM Datasheet HTML 13Page - Intersil Corporation ADC0803LCWM Datasheet HTML 14Page - Intersil Corporation ADC0803LCWM Datasheet HTML 15Page - Intersil Corporation ADC0803LCWM Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
6-17
Figures 19 and 20 show more sophisticated test circuits.
Typical Applications
Interfacing 8080/85 or Z-80 Microprocessors
This converter has been designed to directly interface with
8080/85 or Z-80 Microprocessors. The three-state output
capability of the A/D eliminates the need for a peripheral
interface device, although address decoding is still required
to generate the appropriate CS for the converter. The A/D
can be mapped into memory space (using standard mem-
ory-address decoding for CS and the MEMR and MEMW
strobes) or it can be controlled as an I/O device by using the
I/OR and I/OW strobes and decoding the address bits A0
→
A7 (or address bits A8
→ A15, since they will contain the
same 8-bit address information) to obtain the CS input.
Using the I/O space provides 256 additional addresses and
may allow a simpler 8-bit address decoder, but the data can
only be input to the accumulator. To make use of the addi-
tional memory reference instructions, the A/D should be
mapped into memory space. See AN020 for more discus-
sion of memory-mapped vs I/O-mapped interfaces. An
example of an A/D in I/O space is shown in Figure 21.
The standard control-bus signals of the 8080 (CS, RD and
WR) can be directly wired to the digital control inputs of the
A/D, since the bus timing requirements, to allow both starting
the converter, and outputting the data onto the data bus, are
met. A bus driver should be used for larger microprocessor
systems where the data bus leaves the PC board and/or
must drive capacitive loads larger than 100pF.
It is useful to note that in systems where the A/D converter is
1 of 8 or fewer I/O-mapped devices, no address-decoding
circuitry is necessary. Each of the 8 address bits (A0 to A7)
can be directly used as CS inputs, one for each I/O device.
Interfacing the Z-80 and 8085
The Z-80 and 8085 control buses are slightly different from
that of the 8080. General RD and WR strobes are provided
and separate memory request, MREQ, and I/O request,
IORQ, signals have to be combined with the generalized
strobes to provide the appropriate signals. An advantage of
operating the A/D in I/O space with the Z-80 is that the CPU
will automatically insert one wait state (the RD and WR
strobes are extended one clock period) to allow more time
for the I/O devices to respond. Logic to map the A/D in I/O
space is shown in Figure 22. By using MREQ in place of
IORQ, a memory-mapped configuration results.
Additional I/O advantages exist as software DMA routines are
available and use can be made of the output data transfer
which exists on the upper 8 address lines (A8 to A15) during
I/O input instructions. For example, MUX channel selection for
the A/D can be accomplished with this operating mode.
The 8085 also provides a generalized RD and WR strobe, with
an IO/M line to distinguish I/O and memory requests. The cir-
cuit of Figure 22 can again be used, with IO/M in place of IORQ
for a memory-mapped interface, and an extra inverter (or the
logic equivalent) to provide IO/M for an I/O-mapped connection.
Interfacing 6800 Microprocessor Derivatives (6502, etc.)
The control bus for the 6800 microprocessor derivatives does
not use the RD and WR strobe signals. Instead it employs a
single R/W line and additional timing, if needed, can be derived
from the
φ2 clock. All I/O devices are memory-mapped in the
6800 system, and a special signal, VMA, indicates that the cur-
rent address is valid. Figure 23 shows an interface schematic
where the A/D is memory-mapped in the 6800 system. For sim-
plicity, the CS decoding is shown using 1/2 DM8092. Note that
in many 6800 systems, an already decoded 4/5 line is brought
out to the common bus at pin 21. This can be tied directly to the
CS pin of the A/D, provided that no other devices are
addressed at HEX ADDR: 4XXX or 5XXX.
In Figure 24 the ADC0802 series is interfaced to the MC6800
microprocessor through (the arbitrarily chosen) Port B of the
MC6820 or MC6821 Peripheral Interface Adapter (PlA). Here
the CS pin of the A/D is grounded since the PlA is already
memory-mapped in the MC6800 system and no CS decoding
is necessary. Also notice that the A/D output data lines are con-
nected to the microprocessor bus under program control
through the PlA and therefore the A/D RD pin can be grounded.
Application Notes
ANALOG
INPUTS
“A”
R
“B”
R
R
R
“C”
100R
-
+
A2
8-BIT
A/D UNDER
TEST
10-BIT
DAC
VANALOG OUTPUT
100X ANALOG
-
+
A1
ERROR VOLTAGE
FIGURE 19. A/D TESTER WITH ANALOG ERROR OUTPUT. THIS
CIRCUIT CAN BE USED TO GENERATE “ERROR
PLOTS” OF FIGURE 11.
A/D UNDER
TEST
10-BIT
DAC
DIGITAL
VANALOG
INPUTS
DIGITAL
OUTPUTS
FIGURE 20. BASIC “DIGITAL” A/D TESTER
NOTE #
DESCRIPTION
AnswerFAX
DOC. #
AN016
“Selecting A/D Converters”
9016
AN018
“Do’s and Don’ts of Applying A/D
Converters”
9018
AN020
“A Cookbook Approach to High Speed
Data Acquisition and Microprocessor
Interfacing”
9020
AN030
“The ICL7104 - A Binary Output A/D
Converter for Microprocessors”
9030
ADC0802, ADC0803, ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com