Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803LCWM Datasheet(PDF) 2 Page - Intersil Corporation

Part # ADC0803LCWM
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0803LCWM Datasheet(HTML) 2 Page - Intersil Corporation

  ADC0803LCWM Datasheet HTML 1Page - Intersil Corporation ADC0803LCWM Datasheet HTML 2Page - Intersil Corporation ADC0803LCWM Datasheet HTML 3Page - Intersil Corporation ADC0803LCWM Datasheet HTML 4Page - Intersil Corporation ADC0803LCWM Datasheet HTML 5Page - Intersil Corporation ADC0803LCWM Datasheet HTML 6Page - Intersil Corporation ADC0803LCWM Datasheet HTML 7Page - Intersil Corporation ADC0803LCWM Datasheet HTML 8Page - Intersil Corporation ADC0803LCWM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
6-6
Functional Diagram
12
11
15
14
13
18
17
16
WR
RD
CS
INTR
CLK OSC
CLK R
V+
VIN (-)
VIN (+)
DGND
VREF/2
AGND
(VREF)
DAC
VOUT
COMP
CLK
GEN
CLKS
CLK A
RESET
START F/F
LADDER
AND
DECODER
SUCCESSIVE
APPROX.
REGISTER
AND LATCH
8-BIT
SHIFT
REGISTER
D
RESET
SET
CONV. COMPL.
THREE-STATE
OUTPUT LATCHES
DIGITAL OUTPUTS
THREE-STATE CONTROL
“1” = OUTPUT ENABLE
DFF2
CLK A
XFER
G2
Q
8 X 1/f
R
Q
INTR F/F
IF RESET = “0”
D
DFF1
Q
D
Q
CLK B
START
CONVERSION
MSB
LSB
Q
“1” = RESET SHIFT REGISTER
“0” = BUSY AND RESET STATE
RESET
READ
SET
3
2
1
5
7
6
10
9
8
4
19
20
CLK IN
MSB
G1
CLK
-
+
LSB
INPUT PROTECTION
FOR ALL LOGIC INPUTS
INPUT
TO INTERNAL
BV = 30V
CIRCUITS
∑
V+
+
-
ADC0802, ADC0803, ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com