Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803LCWM Datasheet(PDF) 7 Page - Intersil Corporation

Part # ADC0803LCWM
Description  8-Bit, Microprocessor- Compatible, A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ADC0803LCWM Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ADC0803LCWM Datasheet HTML 3Page - Intersil Corporation ADC0803LCWM Datasheet HTML 4Page - Intersil Corporation ADC0803LCWM Datasheet HTML 5Page - Intersil Corporation ADC0803LCWM Datasheet HTML 6Page - Intersil Corporation ADC0803LCWM Datasheet HTML 7Page - Intersil Corporation ADC0803LCWM Datasheet HTML 8Page - Intersil Corporation ADC0803LCWM Datasheet HTML 9Page - Intersil Corporation ADC0803LCWM Datasheet HTML 10Page - Intersil Corporation ADC0803LCWM Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
6-11
FIGURE 8. OUTPUT CURRENT vs TEMPERATURE
FIGURE 9. POWER SUPPLY CURRENT vs TEMPERATURE
Timing Diagrams
FIGURE 10A. START CONVERSION
FIGURE 10B. OUTPUT ENABLE AND RESET INTR
Typical Performance Curves (Continued)
8
7
6
5
4
3
2
-50
TA AMBIENT TEMPERATURE (
oC)
-ISINK
VOUT = 0.4V
ISOURCE
VOUT = 2.4V
DATA OUTPUT
BUFFERS
V+ = 5V
-25
0
25
50
75
100
125
TA AMBIENT TEMPERATURE (
oC)
-50
-25
0
25
50
75
100
125
1.6
1.5
1.4
1.3
1.2
1.1
1.0
fCLK = 640kHz
V+ = 5.5V
V+ = 5.0V
V+ = 4.5V
tWI
tW(WR)I
1 TO 8 x 1/fCLK
INTERNAL TC
CS
WR
ACTUAL INTERNAL
STATUS OF THE
CONVERTER
INTR
(LAST DATA READ)
(LAST DATA NOT READ)
“NOT BUSY”
“BUSY”
DATA IS VALID IN
OUTPUT LATCHES
INTR
ASSERTED
tVI
1/
2 fCLK
VALID
DATA
VALID
DATA
INTR RESET
INTR
CS
RD
DATA
OUTPUTS
THREE-STATE
(HI-Z)
tRI
tACC
t1H , t0H
ADC0802, ADC0803, ADC0804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com