Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6521 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6521
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6521 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6521 Datasheet HTML 2Page - STMicroelectronics L6521 Datasheet HTML 3Page - STMicroelectronics L6521 Datasheet HTML 4Page - STMicroelectronics L6521 Datasheet HTML 5Page - STMicroelectronics L6521 Datasheet HTML 6Page - STMicroelectronics L6521 Datasheet HTML 7Page - STMicroelectronics L6521 Datasheet HTML 8Page - STMicroelectronics L6521 Datasheet HTML 9Page - STMicroelectronics L6521 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
L6520, L6521
6/19
Doc ID 16998 Rev 3
4
Electrical characteristics (a)
VCC = 16 V, TA = -25 °C to 85 °C, unless otherwise specified
a.
This is a preliminary version: all the parameters are subject to change
Table 5.
Electrical characteristics
Symbol
Pin
Parameter
Test condition
Min. Typ. Max.
Unit
Supply voltage
VCC
VCC
Operating range
After turn-on (1)
10.5
VZ
V
VCC(ON)
VCC
Turn-on threshold
13.5
15
16.5
V
VCC(OFF)
VCC
Turn-off threshold
10.5 11.5
12.5
V
VZ
VCC
Zener voltage
IZ = 2 mA
16.5 17.5
18.5
V
Supply current
IST-UP
VCC
Start-up current
Before turn-on, (VCC = 13 V)
130
200
µA
ICC
VCC
Operating supply current
No load
8
10
mA
IQ
VCC
Quiescent current
IDLE mode, (2)
150
220
µA
Timing and oscillator
D
Output duty cycle
Run mode
49.5
50
50.5
%
tDEAD
Fixed dead time
(3)
1.24 1.42
1.6
µs
fRUN
HB run frequency
TAMB = 25° C
46
46.6
47.2
kHz
43.2
47.8
kHz
fPRE
Max programmable
preheating frequency
RFPRE = 24.9 kΩ
96
100
104
kHz
tPRE
Preheating time
RFPRE ≥ 196 Ω,
(1), (4), L6520
1.5
s
RFPRE ≥ 196 Ω,
(2), (4), L6521
0.8
fINS
HB instant start initial
frequency
FPRE connected to GND, (2)
85
kHz
dfIGN/dt
Ignition time frequency sweep
rate
(4), T
AMB = 25 °C
-2.75
kHz/ms
dfCCC/dt
Frequency sweep rate after
overcurrent
(4), T
AMB = 25 °C
-500
Hz/ms
IFPRE
FPRE
FPRE current reference
TAMB = 25 °C
200
202
204
µA
192
204
tON,min
HSD LSD Minimum half bridge on time
TAMB = 25 °C
1
µs
Half bridge drivers
VOL
HSD LSD Output low voltage
Iload = 300 mA
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com