Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6521 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6521
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6521 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6521 Datasheet HTML 3Page - STMicroelectronics L6521 Datasheet HTML 4Page - STMicroelectronics L6521 Datasheet HTML 5Page - STMicroelectronics L6521 Datasheet HTML 6Page - STMicroelectronics L6521 Datasheet HTML 7Page - STMicroelectronics L6521 Datasheet HTML 8Page - STMicroelectronics L6521 Datasheet HTML 9Page - STMicroelectronics L6521 Datasheet HTML 10Page - STMicroelectronics L6521 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
L6520, L6521
Electrical characteristics
Doc ID 16998 Rev 3
7/19
VOH
HSD LSD Output high voltage
Iload = 300 mA
13
V
ISRC
HSD LSD Peak source current
300
mA
ISNK
HSD LSD Peak sink current
300
mA
TRISE
HSD LSD Rise time
Cload = 1 nF
120
ns
TFALL
HSD LSD Fall time
Cload = 1 nF
120
ns
IPD
HSD LSD Pull down current
Before turn-on, (VCC = 13V)
VLSD or VHSD = 1V
20
mA
Storage time compensation and hard switching detection
VOUTup
PWM_det PWM detector threshold
Positive going HB middle point
2.65
3
V
VHSW
PWM_det
Hard switching detector
threshold
Negative going HB middle point
2
2.35
V
VP_dclamp PWM_det Clamping voltage
IPWM_det = 2 mA
4.5
5
5.5
V
tHSW
PWM_det
Max. time of hard switching
operation
(4), T
AMB = 25 °C
200
ms
Half bridge current control circuit (CCC)
THL
HBCS
First threshold in ignition
mode
0.96
1
1.04
V
THM
HBCS
Second threshold in ignition
mode
1.21 1.26
1.31
V
THH
HBCS
Third threshold in ignition
mode
2.4
2.5
2.6
V
TLL
HBCS
First threshold in run mode
0.67
0.7
0.73
V
TLM
HBCS
Second threshold in run mode
0.87
0.9
0.93
V
TLH
HBCS
Third threshold in run mode
1.7
1.8
1.9
V
TPROT
Maximum current control time (4), TAMB = 25 °C
200
ms
t1
HBCS
Minimum interval between two
consecutive threshold
crossing for slow events
(4), T
AMB = 25 °C
510
ns
t2
HBCS
Minimum interval between two
consecutive threshold
crossing for fast events (not
saturating)
(4), T
AMB = 25 °C
255
ns
∆fTxL
HBCS
Frequency increase in case of
lower threshold crossing
(4), T
AMB = 25 °C
1
kHz
∆fslow
HBCS
Frequency increase in case of
slow event
(4), T
AMB = 25 °C
1
kHz
∆ffast
HBCS
Frequency increase in case of
fast event
(4), T
AMB = 25 °C
2
kHz
Table 5.
Electrical characteristics (continued)
Symbol
Pin
Parameter
Test condition
Min. Typ. Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com