Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6521 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6521
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6521 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6521 Datasheet HTML 6Page - STMicroelectronics L6521 Datasheet HTML 7Page - STMicroelectronics L6521 Datasheet HTML 8Page - STMicroelectronics L6521 Datasheet HTML 9Page - STMicroelectronics L6521 Datasheet HTML 10Page - STMicroelectronics L6521 Datasheet HTML 11Page - STMicroelectronics L6521 Datasheet HTML 12Page - STMicroelectronics L6521 Datasheet HTML 13Page - STMicroelectronics L6521 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Functions description
L6520, L6521
10/19
Doc ID 16998 Rev 3
5.3
Ignition
During the ignition sequence the output frequency ramps down from the programmed
preheating frequency to the fixed run frequency with a fixed rate
dfIGN/dt of - 2.75 kHz/ms. If
the instant start is selected, the frequency ramps down from 85 kHz to 46.6 kHz (typ.) with
the same rate.
The current control circuit limits the maximum lamp voltage (OCPH) in case of old or broken
lamp and it is able to control the lamp current in case of inductor saturation (CSC).
The ignition phase lasts for maximum 200 ms. If the Run frequency is not reached during
ignition phase, the IC is turned off (latched).
5.4
Run mode
The run frequency is internally set to 46.6 kHz.
The HSD and LSD pins drive respectively the high side and the low side switches. The
potential isolation to the high side switch is realized by a pulse transformer. The HSD and
LSD drivers are able to manage the inductive load represented by the primary side of the
pulse transformer.
Between the turn-off of one driver and turn-on of the other one there is a dead time
automatically optimized accordingly to the kind of the half bridge switches (MOS or BJT) to
ensure the maximum reliability. The CCC protects the circuit against over currents, choke
saturation and hard switching events.
5.5
Storage time compensation network
In all the operating states (preheating, ignition and run mode), the storage time
compensation ensures the application of the fixed dead time (tDEAD, 1.42 us typ.) once the
BJT's collector current is effectively reduced to zero. The tDEAD is the sum of a fixed time,
generated by internal logic and the propagation delay of PWM_det comparator.
The voltage level of the middle point of the half bridge is monitored through the PWM_det
pin: the high side switch is turned on after a fixed dead time from the instant when the
voltage on the PWM_det pin is above 2.65 V. The time between the falling edge of pin LSD
and the rising edge of HSD is recorded in order to set the same dead time between the
falling edge of pin HSD and the rising edge of pin LSD.
The minimum duration of the resulting ON time is internally limited to 1 µs. This condition
can last for a maximum time equal to 200 ms. After this time the IC is shut down (latched).
The PWM_det pin embeds a 5 V (typ.) clamping zener, allowing the connection between the
half bridge middle point and the pin itself by means of a limiting resistor.
When driving MOSFET no storage time is present, therefore the resulting dead time is equal
to (1.42 µs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com