Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6521 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6521
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6521 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6521 Datasheet HTML 10Page - STMicroelectronics L6521 Datasheet HTML 11Page - STMicroelectronics L6521 Datasheet HTML 12Page - STMicroelectronics L6521 Datasheet HTML 13Page - STMicroelectronics L6521 Datasheet HTML 14Page - STMicroelectronics L6521 Datasheet HTML 15Page - STMicroelectronics L6521 Datasheet HTML 16Page - STMicroelectronics L6521 Datasheet HTML 17Page - STMicroelectronics L6521 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Typical electrical characteristics
L6520, L6521
14/19
Doc ID 16998 Rev 3
6
Typical electrical characteristics
Figure 4.
VCC thresholds vs temperature
Figure 5.
Frequencies vs temperature
Figure 6.
Times vs temperature
Figure 7.
FPRE resistance converter
temperature behavior
Figure 8.
IEOL vs temperature
Figure 9.
LSG and HSG output voltage vs
temperature (driver's current:
300mA)
8
10
12
14
16
18
20
-25
0
25
50
75
Temperature [ C]
Vz
VCC(on)
VCC(off)
0.96
0.965
0.97
0.975
0.98
0.985
0.99
0.995
1
1.005
-25
0
25
50
75
Temperature [ C]
0.995
1
1.005
1.01
1.015
1.02
1.025
1.03
1.035
1.04
-25
0
25
50
75
Temperature [ C]
4.975
4.98
4.985
4.99
4.995
5
5.005
5.01
194
195
196
197
198
199
200
201
202
203
-25
0
25
50
75
Temperature [ C]
IFPRE
Vref
9.05
9.1
9.15
9.2
9.25
9.3
9.35
9.4
9.45
-25
0
25
50
75
Temperature [ C]
IEOL
(source)
IEOL
(sink)
0
2
4
6
8
10
12
14
16
-25
0
25
50
75
Temperature [ C]
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com