Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMTP32M Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # AMTP32M
Description  APLUS INTEGRATED CIRCUITS INC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AMTP32M Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  AMTP32M Datasheet HTML 1Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 2Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 3Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 4Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 5Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 6Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 7Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 8Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Integrated Circuits Inc.
aMTPxxM Series
Ver 1.1
2/30
12/16/2014
FEATURES
Standard CMOS process.
8-bit PCM voice quality.
Support 6KHz to 20KHz sampling.
Support multi-sampling voice in one chip.
660 sec voice length at 6KHz sampling or 200 sec voice length at 20KHz sampling.
Up to 100,000 time for ROM program/erase cycles.
Combination of voice building blocks to extend playback duration.
Table entries are available for voice slice combinations.
Five standard triggering modes are available (controlled by software):
Key Trigger
Sequential
CPU Parallel
CPU Serial
MP3
Voice section trigger options: Edge / Level; Hold / Un-hold; Retrigger / Non-retrigger.
Built-in oscillator with fixed Rosc, software control sampling frequency
2.7V ~ 3.6V single power supply and < 15uA stand-by current.
PWM Vout1 and Vout2 drive speaker directly.
D/A COUT with ramp-up ramp-down option to drive speaker through external BJT or amplifier.
RSTB provides external controlled reset to the chip.
DESCRIPTION
Aplus’ aMTPxxM series is multi-time program voice IC.
It is fabricated with Standard CMOS process with
voice storage flash memory. Offer five trigger modes: Key trigger mode, sequential mode, CPU parallel
mode, CPU serial mode and MP3 mode, facilitate different user interface. User selectable triggering and
output signal options provide maximum flexibility to various applications. External resistor ROSC control
oscillator, 8-bit resolution current mode D/A output and PWM direct speaker driving minimize the number of
external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com