Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMTP32M Datasheet(PDF) 20 Page - Aplus Intergrated Circuits

Part # AMTP32M
Description  APLUS INTEGRATED CIRCUITS INC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AMTP32M Datasheet(HTML) 20 Page - Aplus Intergrated Circuits

Back Button AMTP32M Datasheet HTML 16Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 17Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 18Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 19Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 20Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 21Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 22Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 23Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 24Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Integrated Circuits Inc.
aMTPxxM Series
Ver 1.1
20/30
12/16/2014
DC CHARACTERISTICS
( TA = 0 to 70℃, VDD = 3.0V, VSS = 0V. )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD
Operating Voltage
2.7
3.0
3.6
V
ISB
Standby current
10
15
µ
A
I/O properly terminated
IOP
Operating current
17
22
mA
I/O properly terminated
VIH
"H" Input Voltage
2.7
3.0
3.5
V
VDD=3.0V
VIL
"L" Input Voltage
-0.5
0
0.3
V
VDD=3.0V
IVOUTL_
N
VOUT low O/P Current
(Normal Volume)
130
mA
Vout=1.0V
IVOUTL_
H
VOUT low O/P Current
(High Volume)
200
mA
Vout=1.0V
IVOUTH_
N
VOUT high O/P Current
(Normal Volume)
-130
mA
Vout=2.0V
IVOUTH_
H
VOUT high O/P Current
(High Volume)
-200
mA
Vout=2.0V
ICO
COUT O/P Current
-2
mA
Data = 80h
IOH
O/P High Current
-10
mA
VOH=2.5V
IOL
O/P Low Current
17
mA
VOL=0.3V
ROSC
Oscillator resistance
200K
240K
Built-in oscillator adjust
RNVOUT
VOUT pull-down
resistance
100K
VOUT pin set to internal
pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com