Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMTP32M Datasheet(PDF) 24 Page - Aplus Intergrated Circuits

Part # AMTP32M
Description  APLUS INTEGRATED CIRCUITS INC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AMTP32M Datasheet(HTML) 24 Page - Aplus Intergrated Circuits

Back Button AMTP32M Datasheet HTML 20Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 21Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 22Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 23Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 24Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 25Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 26Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 27Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 28Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Integrated Circuits Inc.
aMTPxxM Series
Ver 1.1
24/30
12/16/2014
Sequential Mode
Using 4.5V Battery And Sequential Trigger With DAC Driver Speaker
Note
1.
PB0 is trigger input pin (input).
2.
PD0 is busy pin (output).
3.
C1, C2 and C3 must be connected directly on the VDD, VDDA, VDDB and VSS, VSSA, VSSB
pins of the chip.
4.
R1 is optional for fast discharge of C1, C2, C3 and Crst when power off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com