Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMTP32M Datasheet(PDF) 21 Page - Aplus Intergrated Circuits

Part # AMTP32M
Description  APLUS INTEGRATED CIRCUITS INC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AMTP32M Datasheet(HTML) 21 Page - Aplus Intergrated Circuits

Back Button AMTP32M Datasheet HTML 17Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 18Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 19Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 20Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 21Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 22Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 23Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 24Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 25Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Integrated Circuits Inc.
aMTPxxM Series
Ver 1.1
21/30
12/16/2014
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
RNPIO
Programmable IO pin
pull-down resistance
1M
PBx, PDx set to internal
pull-down
RUPIO
Programmable IO pin
pull-up resistance
3.3K
4.7K
PBx, PDx set to internal
pull-up
∆Fs/Fs
Frequency stability
-3
+3
%
VDD = 3V +/- 0.4V
∆Fc/Fc
Chip to chip Frequency
Variation
-5
+5
%
Also apply to lot to lot
variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com