Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9301 Datasheet(PDF) 7 Page - Aplus Intergrated Circuits

Part # APR9301
Description  Single-Chip Voice Recording & Playback Device for Single 20 to 30 Second Message
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9301 Datasheet(HTML) 7 Page - Aplus Intergrated Circuits

Back Button APR9301 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 9Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
INTEGRATED CIRCUITS INC.
-
APR9301
http://www.aplusinc.com.tw
Page
/
10
VER2.3
7
Table 4 Analog Characteristics ( Note 1 )
Item
Symbol
Condition
Mim
Typ
Max
Unit
MicIn Input Voltage
VMI
--
--
--
20
mVp-p
MicIn Input Resistance
RMI
--
--
10
--
kΩ
MicIn Amp Gain (1)
GMIl
AGC≦2.2V
--
24
--
dB
MicIn Amp Gain (2)
GMI2
AGC≧3.OV
--
-45
-15
dB
AnaIn Input Voltage
VANI
--
--
--
50
mVp-p
AnaIn Input Resistance
RANI
--
--
10
--
kΩ
AnaIn Amp Gain
GANI
Analn to SP+/-
--
22
--
dB
AGC Output Resistance
RAGC
--
--
1
--
kΩ
SP+/- Output Power
Psp
Rsp+/- = 16Ω
--
12.2
--
mW
Voltage Amplitude Across SP+/-
Vsp
Rsp+/-≧16Ω
--
1.25
--
Vp-p
Total Harmonic Distortion
THD
@ 1kHz & 20mVp-p input
1
%
Note 1: Typical Values: VCCD = VCCA = 5V; VSSD = VSSA = 0V; TA = 25℃
Note 2: Except pins 23 and 27 which have internal pull-up resistors.
Bonding Pad Diagram & Description of Bonding Pad Coordinates :
Figure 5 APR9301 Die Bonding Pad Diagram
Notes:
Die diagram is with
respect to die center(um)
Die Dimensions:
X=214± 1 mils(5500um)
Y=144± 1 mils(3750um)
Die Thickness:
13.8± 1.0 mils
(350± 25um)
Pad Opening:
4.3mils
110um
* Connect substrate
to Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com