Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9301 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # APR9301
Description  Single-Chip Voice Recording & Playback Device for Single 20 to 30 Second Message
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9301 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  APR9301 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTEGRATED CIRCUITS INC.
-
APR9301
http://www.aplusinc.com.tw
Page
/
10
VER2.3
1
APR9301 RE-RECORDING VOICE IC
Single-Chip Voice Recording & Playback Device
for Single 20 to 30 Second Message
Features :
Single-chip, high quality voice recording & Playback solution
- No external ICs required
- Minimum external components
Non-volatile Flash memory technology
- No battery backup required
- 100K record cycles (typical)
- 100-year message retention (typical)
Single message of 20 to 30 seconds, with external resistor selection
Chip enable pin for simple message expansion
User-friendly, easy-to-use operation
-
Programming & development systems not required
- Level-activated recording & edge-activated playback switches
Low power consumption
- Operating current: 25mA (typical, no load)
- Standby current: 1uA (typical, no load)
Automatic power-down feature for longer battery life
Single 5V power supply
General Description :
The
APR9301 device offers true single-chip solid-state storage capability and requires no
software or microcont-roller support. It provides high-quality recording and playback with a
single 20- to 30-second message. It is ideal for portable voice recorders, toys, and many
other consumer and industrial applications.
APLUS’s proprietary analog/multi-level storage technology is implemented in advanced
Flash non-volatile memory cells,each of which can typically store more than 256 voltage
levels. The APR9301 device stores and reproduces voice signals in their natural forms,
eliminating distortion that is often introduced by encoding and compression. The device
combines a small size with low power consumption,non-volatility, and ease-of-use for a cost
effective solution to voice recording and playback


Similar Part No. - APR9301

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR9301-V2 APLUS-APR9301-V2 Datasheet
504Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9301-V2 APLUS-APR9301-V2 Datasheet
493Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9301-V2-1 APLUS-APR9301-V2-1 Datasheet
504Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
More results

Similar Description - APR9301

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR9301-V2-1 APLUS-APR9301-V2-1 Datasheet
504Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9301-V2 APLUS-APR9301-V2 Datasheet
493Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9600 APLUS-APR9600 Datasheet
2Mb / 17P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com