Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9301 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # APR9301
Description  Single-Chip Voice Recording & Playback Device for Single 20 to 30 Second Message
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9301 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button APR9301 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 9Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
INTEGRATED CIRCUITS INC.
-
APR9301
http://www.aplusinc.com.tw
Page
/
10
VER2.3
6
Absolute Maximum Ratings
Stresses greater than those listed in Table 2 may cause permanent damage to the
device. These specifications represent a stress rating only. Operation of the device at
these or any other conditions above those specified in the recommended DC
Characteristics or recommended Analog Characteristics of this specification is not
implied. Operation of the device at maximum conditions for extended periods may affect
reliability.
Table 2 Absolute Maximum Ratings.
Item
Symbol
Condition
Min
Max
Unit
Power Supply Voltage
Vcc
TA = 25℃
4.5
6.5
V
Input Voltage
VIN1
TA = 25℃
-0.3
Vcc +0.3
V
Input Voltage
VIN2
︱
IIN︱ <20 mA
-1.0
Vcc +1.0
V
Storage Temperature
TSTG
--
-65
150
℃
Temperature Under Bias
TBS
--
-65
125
℃
Lead Temperature
TLD
<10s
--
300
℃
Table 3 DC Characteristics ( Note 1 )
Item
Symbol
Condition
Mm
Typ
Max
Unit
Input High Voltage
VIH
--
0.8 x Vcc
--
--
V
Input Low Voltage
VIL
--
--
--
0.8
V
Output High Voltage
VOH
IOL = -1 .6mA
2.4
--
--
V
Output Low Voltage
VOL
IOL = 4.0mA
--
--
0.45
V
Input Leakage Current
IIH
VIH = Vcc
--
--
1.0
uA
Input Leakage Current
IIL
VIL = Vss(Note 2)
-1.0
--
--
uA
Output Tristate Leakage Current
Ioz
VOUT = VCC or VOUT=VSS
-1.0
--
1.0
uA
Operating Current Consumption
Icc
Internal Clock, No Load
--
25
--
mA
Standby Current Consumption
lccs
No Load
--
1.0
--
uA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com