Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9301 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # APR9301
Description  Single-Chip Voice Recording & Playback Device for Single 20 to 30 Second Message
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9301 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  APR9301 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INTEGRATED CIRCUITS INC.
-
APR9301
http://www.aplusinc.com.tw
Page
/
10
VER2.3
4
Figure 3 Sample Application for the APR9301 :
NC=No Connect (must be floating)
Pins 23 and 27 have internal pull-up resistors.
The typical sampling frequency is 6.4kHz with OscR=52Kω
Table 1 Typical Dependence of Sampling Frequency and Total Voice Duration on OscR
Resistor Value
(VccA = VccD = 5V; VssA = Vssd = 0V; TA = 25℃)
OscR value
Sampling Frequency
Typical
Cutoff
Frequency
(3dB Point)
Total Voice Duration
Typical
Working Voltage
38KΩ
8KHZ
3.4KHZ
16 SECONDS
4.5V ~ 6.5V
52KΩ
6.4KHZ
2.7KHZ
20 SECONDS
4.5V ~ 6.5V
67KΩ
5.3KHZ
2.3KHZ
24 SECONDS
4.8V ~ 6.5V
75KΩ
4.5KHZ
2KHZ
30 SECONDS
5.2V ~ 6.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com