Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4094BMS Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD4094BMS
Description  CMOS 8-Stage Shift-and-Store Bus Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4094BMS Datasheet(HTML) 4 Page - Intersil Corporation

  CD4094BMS Datasheet HTML 1Page - Intersil Corporation CD4094BMS Datasheet HTML 2Page - Intersil Corporation CD4094BMS Datasheet HTML 3Page - Intersil Corporation CD4094BMS Datasheet HTML 4Page - Intersil Corporation CD4094BMS Datasheet HTML 5Page - Intersil Corporation CD4094BMS Datasheet HTML 6Page - Intersil Corporation CD4094BMS Datasheet HTML 7Page - Intersil Corporation CD4094BMS Datasheet HTML 8Page - Intersil Corporation CD4094BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
7-1086
Specifications CD4094BMS
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1, 2
+125oC
2.4
-
mA
-55oC
4.2
-
mA
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1, 2
+125oC
-
-0.36
mA
-55oC
-
-0.64
mA
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
+125oC
-
-1.1
mA
-55oC
-
-2.0
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
+125oC
-
-0.9
mA
-55oC
-
-2.6
mA
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC-
-
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
7-
V
Propagation Delay
Clock to Serial Output Qs
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
250
ns
VDD = 15V
1, 2, 3
+25oC
-
190
ns
Propagation Delay
Clock to Serial Output Q’s
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
220
ns
VDD = 15V
1, 2, 3
+25oC
-
150
ns
Propagation Delay
Clock to Parallel Output
TPHL3
TPLH3
VDD = 10V
1, 2, 3
+25oC
-
390
ns
VDD = 15V
1, 2, 3
+25oC
-
270
ns
Propagation Delay
Strobe to Parallel Output
TPHL4
TPLH4
VDD = 10V
1, 2, 3
+25oC
-
290
ns
VDD = 15V
1, 2, 3
+25oC
-
200
ns
Propagation Delay
Output Enable to Parallel
Output
TPHZ
TPZH
VDD = 10V
1, 2, 4
+25oC
-
120
ns
VDD = 15V
1, 2, 4
+25oC
-
90
ns
Propagation Delay
Output Enable to Parallel
Output
TPLZ
TPZL
VDD = 10V
1, 2, 4
+25oC
-
100
ns
VDD = 15V
1, 2, 4
+25oC
-
80
ns
Transition Time
TTLH
TTHL
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC
2.5
-
MHz
VDD = 15V
1, 2, 3
+25oC
3
-
MHz
Minimum Data Setup
Time
TS
VDD = 5V
1, 2, 3
+25oC
-
125
ns
VDD = 10V
1, 2, 3
+25oC
-
55
ns
VDD = 15V
1, 2, 3
+25oC
-
35
ns
Maximum Clock Input
Rise and Fall Time
TRCL
TFCL
VDD = 5V
1, 2, 3, 5
+25oC-
15
µs
VDD = 10V
1, 2, 3, 5
+25oC-
5
µs
VDD = 15V
1, 2, 3, 5
+25oC-
5
µs
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
200
ns
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
83
ns
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com