Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4094BMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4094BMS
Description  CMOS 8-Stage Shift-and-Store Bus Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4094BMS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4094BMS Datasheet HTML 3Page - Intersil Corporation CD4094BMS Datasheet HTML 4Page - Intersil Corporation CD4094BMS Datasheet HTML 5Page - Intersil Corporation CD4094BMS Datasheet HTML 6Page - Intersil Corporation CD4094BMS Datasheet HTML 7Page - Intersil Corporation CD4094BMS Datasheet HTML 8Page - Intersil Corporation CD4094BMS Datasheet HTML 9Page - Intersil Corporation CD4094BMS Datasheet HTML 10Page - Intersil Corporation CD4094BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
7-1091
CD4094BMS
FIGURE 8. CLOCK-TO-PARALLEL OUTPUT PROPAGATION
DELAY vs CL
FIGURE 9. STROBE-TO-PARALLEL OUTPUT PROPAGATION
DELAY vs CL
FIGURE 10. OUTPUT ENABLE-TO-PARALLEL OUTPUT
PROPAGATION DELAY vs CL
FIGURE 11. TYPICAL TRANSITION TIME vs LOAD
CAPACITANCE
FIGURE 12. TYPICAL MAXIMUM-CLOCK-FREQUENCY vs
SUPPLY VOLTAGE
FIGURE 13. DYNAMIC POWER DISSIPATION vs INPUT CLOCK
FREQUENCY
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
100
SUPPLY VOLTAGE (VDD) = 5V
10V
20
40
60
80
100
15V
200
300
400
500
600
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
100
SUPPLY VOLTAGE (VDD) = 5V
10V
20
40
60
80
100
15V
200
300
400
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
50
SUPPLY VOLTAGE (VDD) = 5V
10V
20
40
60
80
100
15V
100
150
200
250
300
15V
10V
5V
tPHL
tPLH
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
5V
15
10
5
0
5
10
15
20
SUPPLY VOLTAGE (VDD) (V)
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 50PF
CL = 15pF
CL = 50pF
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
10V
5V
10V
INPUT FREQUENCY (fI) (kHz)
110102
103
104
104
103
102
10
105
106
105
ALTERNATING 0 AND 1 PATTERN
OUTPUT ENABLE HIGH
STROBE HIGH EVERY 8 CLOCK PULSES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com